Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY64 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix CNY64_05 Datasheet HTML 10Page - Vishay Siliconix CNY64_05 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VISHAY
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Figure 12. Collector Emitter Saturation Voltage vs. Collector
Current
Figure 13. Current Transfer Ratio vs. Forward Current
Figure 14. Turn on / off Time vs. Forward Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
IC – Collector Current ( mA )
96 11912
CTR=50%
10%
20%
0.1
1
10
1
10
100
1000
IF – Forward Current ( mA )
100
95 11015
VCE=5V
0
5
10
15
0
10
20
30
40
50
IF - Forward Current ( mA )
20
95 11017
Saturated Operation
VS =5V
RL =1k
toff
ton
Figure 15. Turn on / off Time vs. Collector Current
02
4
6
IC - Collector Current ( mA )
10
95 11016
Non Saturated
Operation
VS =5V
R L
toff
ton
0
5
10
15
20
8
= 100


Similar Part No. - CNY64_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
More results

Similar Description - CNY64_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com