Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7284R5KT2L.25XX Datasheet(PDF) 4 Page - Bi technologies

Part # 7284R5KT2L.25XX
Description  7/8 Diameter 10-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7284R5KT2L.25XX Datasheet(HTML) 4 Page - Bi technologies

  7284R5KT2L.25XX Datasheet HTML 1Page - Bi technologies 7284R5KT2L.25XX Datasheet HTML 2Page - Bi technologies 7284R5KT2L.25XX Datasheet HTML 3Page - Bi technologies 7284R5KT2L.25XX Datasheet HTML 4Page - Bi technologies 7284R5KT2L.25XX Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2-100
Model 7280 Series
OPTIONAL TERMINAL CONFIGURATION
105
°
Max.
Clamp
.922
23.4
Dia. Max.
.625
15.9
R. Max.
Clamp
Ears
.875
±.016
22.2
±0.41
Housing Dia.
Slider
.080
±.001
2.03
±0.03
Dia.
.057
1.45
Min.
.062
±.005
1.58
±0.13
.062
±.005
1.58
±0.13
Chamfer
.016/0.406 Max. x 45
°
.625
15.875
+.000
-.001
+0.000
-0.025
.875
22.2
+.005
-.010
+0.13
-0.25
.1248
3.1699
+.0000
-.0003
+0.0000
-0.0076
Dia.
Dia.
Dia.
Mounting Surface
.375
±.031
9.53
±0.79
.781
19.8
Dia. Max.
1.250
±.031
31.75
±0.79
.875
±.016
22.2
±0.41
.250
6.35
Min.
CCW
CW
OUTLINE DIMENSIONS (Inch/mm)
40
°
SLIDER
.625 R MAX
15.9 R MAX
VIEW B
105
° MAX
Use Special Feature Code “FT” to order.
.110
2.794
.020 Thickness
.060
± .003
1.524
± .076
.062
± .003
1.524
± .076
Enlarged View B
Dia.
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
Model 7283
Servo Mount with Ball Bearing


Similar Part No. - 7284R5KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7284 POMONA-7284 Datasheet
123Kb / 1P
   3-Pin In-Line XLR, Silver Contacts, Nickel Finish
logo
Bi technologies
7284 BITECH-7284 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Renesas Technology Corp
72841L10LPFG RENESAS-72841L10LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72841L10LPFG8 RENESAS-72841L10LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72841L10LPFGI RENESAS-72841L10LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 7284R5KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com