Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXM1623-05-41 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1623-05-41
Description  5V Dual 4W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1623-05-41 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1623-05-41 Datasheet HTML 1Page - Microsemi Corporation LXM1623-05-41 Datasheet HTML 2Page - Microsemi Corporation LXM1623-05-41 Datasheet HTML 3Page - Microsemi Corporation LXM1623-05-41 Datasheet HTML 4Page - Microsemi Corporation LXM1623-05-41 Datasheet HTML 5Page - Microsemi Corporation LXM1623-05-41 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2002
Rev. 1.0b, 2005-01-17
PanelMatch™
LXM1623-05-4x
5V Dual 4W CCFL Programmable Inverter Module
I N T E GRA T ED
PR ODUC T S
ELECTRI CAL CHA RACTERI S TI CS ( C ONTI NUED)
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of
25
°C except where otherwise noted.
LXM1623-05-4x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
BRITE INPUT
VBRT_ADJ = 0VDC
-300
µADC
Input Current
IBRT
VBRT_ADJ = 3VDC
50
µADC
Minimum Input for Max. Lamp Current
VBRT_ADJ
IO(LAMP) = Maximum Lamp Current
2.0
2.05
VDC
Maximum Input for Min. Lamp Current
VBRT_ADJ
IO(LAMP) = Minimum Lamp Current
0.4
0.5
VDC
SLEEP INPUT
RUN Mode
SLEEP
V
2.0
VIN1
VDC
SLEEP Mode
SLEEP
V
-0.3
0.8
VDC
SET1,2 INPUT
SET1,2 Low Threshold
VL
0.4
V
Input Current
ISET
VSET ≤ 0.4V
-300
µA
POWER CHARACTERISTICS
Sleep Current
IIN(MIN)
VIN1 = 5VDC, SLEEP < 0.8V
0.0
4
30
µADC
Run Current
IIN(RUN)
VIN1 = 5VDC, SLEEP ≥ 2.0V, ISET1 = Open
ISET2 = Ground, VLAMP = 440VRMS
1300
mADC
Efficiency
η
VIN1 = 5VDC, SLEEP ≥ 2.0V, ISET1 = Open
ISET2 = Ground, VLAMP = 440VRMS
85
%
FUNCTIONAL PIN DESCRIPTION
CONN
PIN
DESCRIPTION
CN1
(Molex 53261-0890) Mates with 51021-0800 housing, 50079-8100 pins. Mates with LX9501 input cable assembly
CN1-1
CN1-2
VIN1
Main Input Power Supply (4.75V < VIN1 < 5.25V)
CN1-3
CN1-4
GND
Power Supply Return
CN1-5
SLEEP
ON/OFF Control. (0V < SLEEP < 0.8 = OFF, SLEEP >= 2.0V = ON
CN1-6
BRITE
Brightness Control (0.5V to 2.0VDC). 2.0VDC gives maximum lamp current.
CN1-7
SET1
SET1 MSB Connecting this pin to ground decreases the output current (see Table 1)
CN1-8
SET2
SET2 LSB Connecting this pin to ground decreases the output current (see Table 1)
CN2, CN3 for LXM1623-05-41 and -42
(JST SM02(8.0)B-BHS-1-TB | Yeon Ho 20015WR-05A00 or SM02B-BHSS-1-TB |
Yeon Ho 35001WR-02A00)
CN2-1
CN3-1
VHI
High voltage connection to high Side of lamp. Connect to lamp terminal with shortest lead length.
DO NOT
connect to Ground.
CN2-2
CN3-2
VLO
Connection to low side of lamp. Connect to lamp terminal with longer lead length.
DO NOT
connect to Ground
CN2, CN3 for LXM1623-05-43
(Honda QZ-19-A3MYL #02)
CN2-3
CN3-3
VHI
High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length.
DO NOT
connect to Ground.
CN2-1
CN3-1
VLO
Connection to low side of lamp. Connect to lamp terminal with longer lead length.
DO NOT
connect to Ground


Similar Part No. - LXM1623-05-41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1623-05-44 MICROSEMI-LXM1623-05-44 Datasheet
219Kb / 6P
   5V Dual 4W CCFL Programmable Inverter Module
More results

Similar Description - LXM1623-05-41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1627-05-44 MICROSEMI-LXMG1627-05-44 Datasheet
184Kb / 6P
   5V Dual 4W CCFL Programmable Inverter Module
LXMG1623-05-44 MICROSEMI-LXMG1623-05-44 Datasheet
182Kb / 6P
   5V Dual 4W CCFL Programmable Inverter Module
LXM1623-05-44 MICROSEMI-LXM1623-05-44 Datasheet
219Kb / 6P
   5V Dual 4W CCFL Programmable Inverter Module
LXMG1627-05-4X MICROSEMI-LXMG1627-05-4X Datasheet
192Kb / 6P
   5V Dual 4W Programmable CCFL Inverter Module
LXMG1623-05-4X MICROSEMI-LXMG1623-05-4X Datasheet
181Kb / 6P
   5V Dual 4W CCFL Programmable Inverter Module
LXM1618-05-4X MICROSEMI-LXM1618-05-4X Datasheet
181Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1617-05-4X MICROSEMI-LXMG1617-05-4X Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXM1617-05-4X MICROSEMI-LXM1617-05-4X Datasheet
182Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-4X MICROSEMI-LXMG1618-05-4X Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618A-05-4X MICROSEMI-LXMG1618A-05-4X Datasheet
182Kb / 6P
   5V 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com