Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7283R10KT2L.25XX Datasheet(PDF) 2 Page - Bi technologies

Part # 7283R10KT2L.25XX
Description  7/8 Diameter 10-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7283R10KT2L.25XX Datasheet(HTML) 2 Page - Bi technologies

  7283R10KT2L.25XX Datasheet HTML 1Page - Bi technologies 7283R10KT2L.25XX Datasheet HTML 2Page - Bi technologies 7283R10KT2L.25XX Datasheet HTML 3Page - Bi technologies 7283R10KT2L.25XX Datasheet HTML 4Page - Bi technologies 7283R10KT2L.25XX Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-98
Model 7280 Series
MECHANICAL
Total Mechanical Travel
3600° + 15° – 0°
Number of Gangs, Maximum
2
Weight, Nominal (single gang)
0.75 oz.
Backlash, Maximum
7281, 7284, 7286
7283
Static Stop Strength
60 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque, Maximum
25 lb.-in.
N/A
Shaft End Play, Maximum
.010”
.005”
Shaft Runout, T.I.R., Maximum
.003”
.002”
Pilot Diameter Runout, T.I.R., Maximum
.004”
.002”
Lateral Runout, T.I.R., Maximum
.005”
.004”
Shaft Radial Play, Maximum
.003”
.002”
Start/Run Torque, Maximum (per gang)
0.8 oz.-in.
0.6 oz.-in.
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
100
0.059
±20 ppm/°C
200
0.037
±20 ppm/°C
500
0.030
±20 ppm/°C
1K
0.024
±20 ppm/°C
2K
0.020
±20 ppm/°C
5K
0.018
±20 ppm/°C
10K
0.017
±20 ppm/°C
20K
0.016
±20 ppm/°C
50K
0.010
±20 ppm/°C
100K
0.008
±20 ppm/°C
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –55°C to +125°C
Dynamic: –40°C to +125°C
Temperature Cycling
5 cycles, –55°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
1 mil. shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
Rotational Life Model 7288 (1 pound Side Load)
1 mil. shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)


Similar Part No. - 7283R10KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7283 POMONA-7283 Datasheet
123Kb / 1P
   3-Pin In-Line XLR, Silver Contacts, Nickel Finish
logo
Bi technologies
7283 BITECH-7283 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Heyco.
7283 HEYCO-7283 Datasheet
132Kb / 1P
   Female Pin Connectors
logo
Renesas Technology Corp
72831L10LPFG RENESAS-72831L10LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L10LPFG8 RENESAS-72831L10LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 7283R10KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com