Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P060 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A3P060
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3P060 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A3P060 Datasheet HTML 3Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 4Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 5Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 6Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 7Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 8Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 9Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 10Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ProASIC3 Flash Family FPGAs
8
Pr od uct Br ief
VersaTiles
The ProASIC3 core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core tiles. The ProASIC3
VersaTile supports the following:
All 3-input logic functions—LUT-3 equivalent
Latch with clear or set
D-flip-flop with clear or set
Enable D-flip-flop with clear or set
Refer to Figure 3 for VersaTile configurations.
User Nonvolatile FlashROM
Actel ProASIC3 devices have 1 kbit of on-chip, user-
accessible, nonvolatile FlashROM. The FlashROM can be
used in diverse system applications:
Internet protocol addressing (wireless or fixed)
System calibration settings
Device serialization and/or inventory control
Subscription-based business models (for example,
set-top boxes)
Secure key storage for secure communications
algorithms
Asset management/tracking
Date stamping
Version management
The FlashROM is written using the standard ProASIC3
IEEE 1532 JTAG programming interface. The core can be
individually programmed (erased and written), and on-
chip AES decryption can be used selectively to securely
load data over public networks (except in the A3P030
device), as in security keys stored in the FlashROM for a
user design.
The FlashROM can be programmed via the JTAG
programming interface, and its contents can be read
back either through the JTAG programming interface or
via direct FPGA core addressing. Note that the FlashROM
can only be programmed from the JTAG interface and
cannot be programmed from the internal logic array.
The FlashROM is programmed as 8 banks of 128 bits;
however, reading is performed on a byte-by-byte basis
using a synchronous interface. A 7-bit address from the
FPGA core defines which of the 8 banks and which of the
16 bytes within that bank are being read. The three most
significant
bits
(MSBs)
of
the
FlashROM
address
determine the bank, and the four least significant bits
(LSBs) of the FlashROM address define the byte.
The Actel ProASIC3 development software solutions,
Libero®
Integrated
Design
Environment
(IDE)
and
Designer, have extensive support for the FlashROM. One
such
feature
is
auto-generation
of
sequential
programming files for applications requiring a unique
serial number in each part. Another feature allows the
inclusion of static data for system version control. Data
for the FlashROM can be generated quickly and easily
using Actel Libero IDE and Designer software tools.
Comprehensive
programming
file
support
is
also
included to allow for easy programming of large
numbers of parts with differing FlashROM contents.
SRAM and FIFO
ProASIC3 devices (except the A3P030 device) have
embedded SRAM blocks along their north and south
sides. Each variable-aspect-ratio SRAM block is 4,608 bits
in size. Available memory configurations are 256×18,
512×9, 1k×4, 2k×2, and 4k×1 bits. The individual blocks
have independent read and write ports that can be
configured with different bit widths on each port. For
example, data can be sent through a 4-bit port and read
as a single bitstream. The embedded SRAM blocks can be
initialized via the device JTAG port (ROM emulation
mode) using the UJTAG macro (except in the A3P030
device).
Figure 3 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set


Similar Part No. - A3P060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060 MICROSEMI-A3P060 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3P060 MICROSEMI-A3P060 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060 MICROSEMI-A3P060 Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060 MICROSEMI-A3P060 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060-1CS100 MICROSEMI-A3P060-1CS100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-VQG100 MICROSEMI-A3P030-VQG100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com