Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXM1618-12-61 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXM1618-12-61
Description  12V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1618-12-61 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXM1618-12-61 Datasheet HTML 1Page - Microsemi Corporation LXM1618-12-61 Datasheet HTML 2Page - Microsemi Corporation LXM1618-12-61 Datasheet HTML 3Page - Microsemi Corporation LXM1618-12-61 Datasheet HTML 4Page - Microsemi Corporation LXM1618-12-61 Datasheet HTML 5Page - Microsemi Corporation LXM1618-12-61 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2002
Rev. 1.0b, 2005-01-17
PanelMatch
LXM1618-12-6x
12V 6W CCFL Programmable Inverter Module
I N TE G R A T E D
P R O D U C TS
ABSOLUTE MAXI MUM RATI NGS (NOTE 1)
Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V
Input Power .................................................................................................................................................................... 8.25W
Output Voltage, no load ............................................................................................................ Internally Limited to 1800VRMS
Output Current .............................................................................................................................10mARMS (Internally Limited)
Output Power ................................................................................................................................................................... 6.0W
Input Signal Voltage (
SLEEP Input) ..................................................................................................................... -0.3V to VIN1
Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V
Ambient Operating Temperature, zero airflow.....................................................................................................-20°C to 70°C
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified
terminal.
RECOMM END E D O P ERATI NG CONDI T I ONS ( R .C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, will not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated
Lamp Current)
10.8
12
13.2
Input Supply Voltage Range (Functional)
VIN1
10.2
12
13.8
V
Output Power
PO
6.0
W
Linear BRITE Control Input Voltage Range¹
VBRT_ADJ
0.65 to 0.9
2.0
V
Lamp Operating Voltage
VLAMP
545
640
735*
VRMS
Lamp Current (Full Brightness)
IOLAMP
5
8
mARMS
Operating Ambient Temperature Range
TA
-20
70
°C
¹ The minimum VBRT ADJ voltage depends on the panel characteristics, depending on the panel it can vary from 0.65V to 0.9V
* Total output power must not exceed 6W. Higher voltage lamps may require maximum output current to be set lower than 8mARMS
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of
25
°C except where otherwise noted.
LXM1618-12-6x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Ground, ISET2 = Ground
4.4
5
5.6
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Ground, ISET2 = Open
5.4
6
6.6
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Open, ISET2 = Ground
6.4
7
7.6
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Open, ISET2 = Open
7.4
8
8.6
mARMS
Min. Average Lamp Current
IL(MIN)
VBRT_ADJ = 0.65VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = ISET2 = Ground
1.5 *
mARMS
Lamp Start Voltage
VLS
-20°C < TA < 70°C, VIN1 > 10.8VDC
1400
1650
VRMS
Operating Frequency
fO
VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 12V
57
60
63
kHz
* The inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user’s responsibility to set
the minimum brightness (BRITE) input at or above the panel specification for minimum current.


Similar Part No. - LXM1618-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-12-41 MICROSEMI-LXM1618-12-41 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-42 MICROSEMI-LXM1618-12-42 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-43 MICROSEMI-LXM1618-12-43 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-4X MICROSEMI-LXM1618-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
More results

Similar Description - LXM1618-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1617-12-6X MICROSEMI-LXM1617-12-6X Datasheet
181Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6XS MICROSEMI-LXMG1813-12-6XS Datasheet
235Kb / 7P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com