Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L40PT-F Datasheet(PDF) 1 Page - AMIC Technology

Part # A25L40PT-F
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40PT-F Datasheet(HTML) 1 Page - AMIC Technology

  A25L40PT-F Datasheet HTML 1Page - AMIC Technology A25L40PT-F Datasheet HTML 2Page - AMIC Technology A25L40PT-F Datasheet HTML 3Page - AMIC Technology A25L40PT-F Datasheet HTML 4Page - AMIC Technology A25L40PT-F Datasheet HTML 5Page - AMIC Technology A25L40PT-F Datasheet HTML 6Page - AMIC Technology A25L40PT-F Datasheet HTML 7Page - AMIC Technology A25L40PT-F Datasheet HTML 8Page - AMIC Technology A25L40PT-F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A25L40P Series
4 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 85MHz SPI Bus Interface
PRELIMINARY
(May, 2007, Version 0.4)
AMIC Technology Corp.
Document Title
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
August 29, 2006
Preliminary
0.1
Add the Fast Read Dual Operation Instruction
April 4, 2006
Add QFN 8L (5 x 6mm) package type
0.2
Add QFN 8L (5 x 6mm) package outline dimensions
April 20, 2006
0.3
Modify the Part No. for Top/Bottom boot sector type
September 5, 2006
Add DIP 8(300mil) package type
Modify the maximum clock rate to 75MHz
0.4
Add transient voltage (<20ns) on any pin to ground potential spec.
May 25, 2007
Add the maximum clock rate of 3.0V~3.6V : 85MHz


Similar Part No. - A25L40PT-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L40PT-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com