Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1615-03-XX Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXMG1615-03-XX
Description  3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1615-03-XX Datasheet(HTML) 3 Page - Microsemi Corporation

  LXMG1615-03-XX Datasheet HTML 1Page - Microsemi Corporation LXMG1615-03-XX Datasheet HTML 2Page - Microsemi Corporation LXMG1615-03-XX Datasheet HTML 3Page - Microsemi Corporation LXMG1615-03-XX Datasheet HTML 4Page - Microsemi Corporation LXMG1615-03-XX Datasheet HTML 5Page - Microsemi Corporation LXMG1615-03-XX Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.0, 2006-03-23
RangeMAX
LXMG1615-03-xx
3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
PRODUCTION DATA SHEET
TM
®
ELECTRI CAL CHA RACTERISTICS (CONTINUED)
Unless otherwise specified, these specifications apply over the recommended operating conditions and 25°C ambient temperature for the LXMG1615-03-xx.
LXMG1615-03-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
POWER CHARACTERISTICS
Run Current
VBATT= 3.6VDC
VBRT_ADJ = 0V, VLAMP = 270VRMS
360
mA
Run Current
VBATT= 5.0VDC
VBRT_ADJ = 0V, VLAMP = 420VRMS
405
mA
Note 2: Minimum lamp current required to maintain even light output may vary with display panel.
)
4.0mA
of
amplitude
burst
(
)
cycle
duty
burst
(
current
RMS
Average
RMS
×
=
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
CN1 (Molex 53261-0571)*
CN1-1
VBATT
Main Input Power Supply (3.1V to 5.5V)
CN1-2
GND
Power Supply Return
CN1-3
+3.3V
+3.3V Logic Input
CN1-4
BRITE
Brightness Control (0.25- 2.2VDC) 0.25VDC gives maximum lamp current
CN1-5
VSYNC
Vertical Synchronization Input 3.3V Logic Level (45 < fSYNC < 400Hz)
CN2 for LXMG1615-03-01,-02 (JST SM02(8.0)B-BHS-1-TB (LF)(SN) | Yeon Ho 20015WR-05A00, SM02B-BHSS-1-TB (LF)(SN) | Yeon
Ho 35001WR-02A00
)
CN2-1
VHI
High Voltage Connection to High Side of Lamp. Connect to lamp terminal with shortest lead length.
DO NOT connect to Ground.
CN2-2
VLO
Connection to Low Side of Lamp. Connect to lamp terminal with longer lead length.
DO NOT connect to Ground.
CN2 for LXMG1615-03-03 (Honda QZ-19-A3MYL#02)
CN2-3
VHI
High Voltage Connection to High Side of Lamp. Connect to lamp terminal with shortest lead length.
DO NOT connect to Ground.
CN2-1
VLO
Connection to Lower Side of Lamp. Connect to lamp terminal with longer lead length.
DO NOT connect to Ground.
* LX9506G Mating Connector Assembly Available
PHY S ICAL DIM E N S ION S
1.0mm
0.0394in.
Weight: (5.5g) typ.
4.6mm Max
0.181in.
94mm
3.70in
CN1
CN2
10mm
0.394in.
2.5mm
0.0984in.
15mm
0.591in.
12.5mm
0.492in
PCB tolerances ± 0.5mm, M2 or 2-56 recommended mounting screws
Warning
High Voltage Present at
high side of transformer
and Output Connector
GROUNDED MOUNTING
HOLE 3.18MM ±0.08 DIA.
69mm ±0.2mm
2.71in.
R1.0


Similar Part No. - LXMG1615-03-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXMG1612-05-01 MICROSEMI-LXMG1612-05-01 Datasheet
133Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-05-02 MICROSEMI-LXMG1612-05-02 Datasheet
133Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-05-03 MICROSEMI-LXMG1612-05-03 Datasheet
133Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-05-XX MICROSEMI-LXMG1612-05-XX Datasheet
133Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
More results

Similar Description - LXMG1615-03-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1612-05-XX MICROSEMI-LXMG1612-05-XX Datasheet
133Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-05-XX MICROSEMI-LXM1612-05-XX Datasheet
247Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com