Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L40PTQ-F Datasheet(PDF) 9 Page - AMIC Technology

Part # A25L40PTQ-F
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40PTQ-F Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25L40PTQ-F Datasheet HTML 5Page - AMIC Technology A25L40PTQ-F Datasheet HTML 6Page - AMIC Technology A25L40PTQ-F Datasheet HTML 7Page - AMIC Technology A25L40PTQ-F Datasheet HTML 8Page - AMIC Technology A25L40PTQ-F Datasheet HTML 9Page - AMIC Technology A25L40PTQ-F Datasheet HTML 10Page - AMIC Technology A25L40PTQ-F Datasheet HTML 11Page - AMIC Technology A25L40PTQ-F Datasheet HTML 12Page - AMIC Technology A25L40PTQ-F Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
8
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
524,288 bytes (8 bits each)
8 sectors (one (4/4/8/16/32) Kbytes & 64x7 Kbytes
2048 pages (256 bytes each).
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector or Bulk
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
A25L40PT Top Boot Block Address Table
Sector
Sector Size (Kbytes)
Address Range
7-4
4
7F000h
7FFFFh
7-3
4
7E000h
7EFFFh
7-2
8
7C000h
7DFFFh
7-1
16
78000h
7BFFFh
7-0
32
70000h
77FFFh
6
64
60000h
6FFFFh
5
64
50000h
5FFFFh
4
64
40000h
4FFFFh
3
64
30000h
3FFFFh
2
64
20000h
2FFFFh
1
64
10000h
1FFFFh
0
64
00000h
0FFFFh
A25L40PU Bottom Boot Block Address Table
Sector
Sector Size (Kbytes)
Address Range
7
64
70000h
7FFFFh
6
64
60000h
6FFFFh
5
64
50000h
5FFFFh
4
64
40000h
4FFFFh
3
64
30000h
3FFFFh
2
64
20000h
2FFFFh
1
64
10000h
1FFFFh
0-4
32
08000h
0FFFFh
0-3
16
04000h
07FFFh
0-2
8
02000h
03FFFh
0-1
4
01000h
01FFFh
0-0
4
00000h
00FFFh


Similar Part No. - A25L40PTQ-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L40PTQ-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com