Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3683IOQ-4.2-3-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3683IOQ-4.2-3-T1
Description  1A Linear Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3683IOQ-4.2-3-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3683IOQ-4.2-3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AAT3683
1A Linear Li-Ion Battery Charger
10
3683.2007.06.1.0
Functional Block Diagram
Charge
Control
Current
Compare
Reverse Blocking
CV/Pre-
charge
Constant
Current
IN
BAT
ISET
UVLO
Over-
Temp.
Protect
Power
Detection
STAT (3683-2/-3 only)
GND
EN
Thermal
Loop
ADPP#
Charge
Status
Battery OV
Protection
STAT1 (3683-4 only)
STAT2 (3683-4 only)
(3683-2/-3 only)
IC Enable
Watchdog
Timer
CT
75μA
TS
(3683-2 only)
Window
Comparator
Functional Description
The AAT3683 is a high performance battery charg-
er designed to charge single-cell lithium-ion or lithi-
um-polymer batteries with up to 1A of current from
an external power source. It is a stand-alone
charging solution, with just one external compo-
nent required for complete functionality.
The AAT3683 precisely regulates battery charge
voltage and current for 4.2V lithium-ion/polymer
battery cells with constant current level being pro-
grammed up to 1A for rapid charging applications.
The charge termination current can be pro-
grammed by an external resistor.
The AAT3683 is rated for operation from -40°C to
+85°C. In the event of operating ambient tempera-
tures exceeding the power dissipation abilities of the
device package for a given constant current charge
level, the charge control will enter into thermal limit.
AAT3683-2 and -3 provide one status monitor out-
put pin (STAT) by directly driving one external LED
to indicate the battery charging state. AAT3683-4
provides two status pins to indicate the battery
charging state.
Device junction temperature and charge state are
fully monitored for fault conditions. In the event of
an over-voltage or over-temperature failure, the
device will automatically shut down, protecting the
charging device, control system, and the battery
under charge.
During battery charging, the device temperature will
rise. In some cases with adapter (ADP) charging,
the power dissipation in the device may causethe
junction temperature to rise to close to its thermal
shutdown threshold. In the event of an internal
over-temperature condition caused by excessive
ambient operating temperature or excessive power
dissipation condition, the AAT3683 enables a digi-


Similar Part No. - AAT3683IOQ-4.2-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683IOQ-4.2-3-T1 ANALOGICTECH-AAT3683IOQ-4.2-3-T1 Datasheet
455Kb / 23P
   1A Linear Li-Ion Battery Charger
More results

Similar Description - AAT3683IOQ-4.2-3-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
   1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
   1A Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
   1A Linear Li-Ion Battery Charger
May,2020 V1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
   BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com