Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3683IOQ-4.2-3-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3683IOQ-4.2-3-T1
Description  1A Linear Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3683IOQ-4.2-3-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3683IOQ-4.2-3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3683IOQ-4.2-3-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AAT3683
1A Linear Li-Ion Battery Charger
3683.2007.06.1.0
11
tally controlled thermal loop system that will reduce
the charging current to prevent the device from
thermal shutdown. The digital thermal loop will
maintain the maximum possible battery charging
current for the given set of input to output power
dissipation and ambient temperature conditions.
The digital thermal loop control is dynamic in the
sense that it will continue to adjust the battery
charging current as operating conditions change.
The digital thermal loop will reset and resume nor-
mal operation when the power dissipation or over-
temperature conditions are removed.
Battery Charging Operation
Figure 1 illustrates the entire battery charging pro-
file or operation, which consists of three phases:
1.
Preconditioning (Trickle) Charge
2.
Constant Current Charge
3.
Constant Voltage Charge
Battery Preconditioning
Battery charging commences only after the
AAT3683 checks several conditions in order to
maintain a safe charging environment. The input
supply must be above the minimum operating volt-
age (V
UVLO) and the enable pin must be high.
When the battery is connected to the BAT pin, the
AAT3683 checks the condition of the battery and
determines which charging mode to apply. If the
battery voltage is below the preconditioning voltage
threshold, V
MIN, then the AAT3683 begins precon-
ditioning the battery cell (trickle charging) by charg-
ing at 10% of the programmed constant current.
For example, if the programmed current is 500mA,
then the preconditioning mode (trickle charge) cur-
rent is 50mA. Battery cell preconditioning (trickle
charging) is a safety precaution for deeply dis-
charged cells and will also reduce the power dissi-
pation in the internal series pass MOSFET when
the input-output voltage differential is at the great-
est potential.
Constant Current Charging
Battery cell preconditioning continues until the bat-
tery voltage reaches the preconditioning voltage
threshold, V
MIN. At this point, the AAT3683 begins
constant current charging. The current level for this
mode is programmed using a single resistor from
the ISET pin to ground. Programmed current can be
set at a minimum 100mA up to a maximum of 1A.
Constant Voltage Charging
Constant current charging will continue until such
time that the battery voltage reaches the voltage
regulation point, V
BAT_EOC. When the battery volt-
age reaches V
BAT_EOC, the AAT3683 will transition
to constant voltage mode. The regulation voltage is
factory programmed to a nominal 4.2V and will
continue charging until the charge termination cur-
rent is reached.
Figure 1: Current vs. Voltage Profile During Charging Phases.
Constant Current
Charge Phase
Constant Voltage
Charge Phase
Preconditioning
Trickle Charge
Phase
Charge Complete Voltage
Constant Current Mode
Voltage Threshold
Regulated Current
Trickle Charge and
Termination Threshold
I = CC / 10
I = Max CC


Similar Part No. - AAT3683IOQ-4.2-3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683IOQ-4.2-3-T1 ANALOGICTECH-AAT3683IOQ-4.2-3-T1 Datasheet
455Kb / 23P
   1A Linear Li-Ion Battery Charger
More results

Similar Description - AAT3683IOQ-4.2-3-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
   1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
   1A Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
   1A Linear Li-Ion Battery Charger
May,2020 V1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
   BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com