Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1618-03-21 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LXMG1618-03-21
Description  3.3V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1618-03-21 Datasheet(HTML) 6 Page - Microsemi Corporation

  LXMG1618-03-21 Datasheet HTML 1Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 2Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 3Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 4Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 5Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2002
Rev. 1.0a, 2006-11-13
PanelMatch
LXMG1618-03-2x
3.3V 2.2W CCFL Programmable Inverter Module
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LXMG1618-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618-05-21 MICROSEMI-LXMG1618-05-21 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-22 MICROSEMI-LXMG1618-05-22 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-2X MICROSEMI-LXMG1618-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-41 MICROSEMI-LXMG1618-05-41 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-42 MICROSEMI-LXMG1618-05-42 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1618-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X_10 Datasheet
186Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXM1617-03-2X MICROSEMI-LXM1617-03-2X Datasheet
182Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617-03-2X MICROSEMI-LXMG1617-03-2X Datasheet
169Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X_10 Datasheet
186Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com