Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L40PUM-F Datasheet(PDF) 6 Page - AMIC Technology

Part # A25L40PUM-F
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40PUM-F Datasheet(HTML) 6 Page - AMIC Technology

Back Button A25L40PUM-F Datasheet HTML 2Page - AMIC Technology A25L40PUM-F Datasheet HTML 3Page - AMIC Technology A25L40PUM-F Datasheet HTML 4Page - AMIC Technology A25L40PUM-F Datasheet HTML 5Page - AMIC Technology A25L40PUM-F Datasheet HTML 6Page - AMIC Technology A25L40PUM-F Datasheet HTML 7Page - AMIC Technology A25L40PUM-F Datasheet HTML 8Page - AMIC Technology A25L40PUM-F Datasheet HTML 9Page - AMIC Technology A25L40PUM-F Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
5
AMIC Technology Corp.
OPERATING FEATURES
Page Programming
To program one data byte, two instructions are required: Write
Enable (WREN), which is one byte, and a Page Program (PP)
sequence, which consists of four bytes plus data. This is
followed by the internal Program cycle (of duration tPP).
To spread this overhead, the Page Program (PP) instruction
allows up to 256 bytes to be programmed at a time (changing
bits from 1 to 0), provided that they lie in consecutive
addresses on the same page of memory.
Sector Erase and Bulk Erase
The Page Program (PP) instruction allows bits to be reset
from 1 to 0. Before this can be applied, the bytes of memory
need to have been erased to all 1s (FFh). This can be
achieved, a sector at a time, using the Sector Erase (SE)
instruction, or throughout the entire memory, using the Bulk
Erase (BE) instruction. This starts an internal Erase cycle (of
duration tSE or tBE).
The Erase instruction must be preceded by a Write Enable
(WREN) instruction.
Polling During a Write, Program or Erase Cycle
A further improvement in the time to Write Status Register
(WRSR), Program (PP) or Erase (SE or BE) can be achieved
by not waiting for the worst case delay (tW, tPP, tSE, or tBE). The
Write In Progress (WIP) bit is provided in the Status Register
so that the application program can monitor its value, polling it
to establish when the previous Write cycle, Program cycle or
Erase cycle is complete.
Active Power, Stand-by Power and Deep
Power-Down Modes
When Chip Select (
S ) is Low, the device is enabled, and in
the Active Power mode.
When Chip Select (
S ) is High, the device is disabled, but
could remain in the Active Power mode until all internal cycles
have completed (Program, Erase, Write Status Register). The
device then goes in to the Stand-by Power mode. The device
consumption drops to ICC1.
The Deep Power-down mode is entered when the specific
instruction (the Enter Deep Power-down Mode (DP)
instruction) is executed. The device consumption drops
further to ICC2. The device remains in this mode until another
specific instruction (the Release from Deep Power-down
Mode and Read Electronic Signature (RES) instruction) is
executed.
All other instructions are ignored while the device is in the
Deep Power-down mode. This can be used as an extra
software protection mechanism, when the device is not in
active use, to protect the device from inadvertent Write,
Program or Erase instructions.
Status Register
The Status Register contains a number of status and control
bits that can be read or set (as appropriate) by specific
instructions.
WIP bit.
The Write In Progress (WIP) bit indicates whether
the memory is busy with a Write Status Register, Program or
Erase cycle.
WEL bit.
The Write Enable Latch (WEL) bit indicates the
status of the internal Write Enable Latch, BP2, BP1, and BP0
bits.
The Block Protect (BP2, BP1, BP0) bits are non-volatile.
They define the size of the area to be software protected
against Program and Erase instructions.
SRWD bit.
The Status Register Write Disable (SRWD) bit is
operated in conjunction with the Write Protect (
W ) signal.
The Status Register Write Disable (SRWD) bit and Write
Protect (
W ) signal allow the device to be put in the Hardware
Protected mode. In this mode, the non-volatile bits of the
Status Register (SRWD, BP2, BP1, BP0) become read-only
bits.
Protection Modes
The environments where non-volatile memory devices are
used can be very noisy. No SPI device can operate correctly
in the presence of excessive noise. To help combat this, the
A25L40P boasts the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide
protection against inadvertant changes while the power
supply is outside the operating specification.
Program, Erase and Write Status Register instructions are
checked that they consist of a number of clock pulses that
is a multiple of eight, before they are accepted for
execution.
All instructions that modify data must be preceded by a
Write Enable (WREN) instruction to set the Write Enable
Latch (WEL) bit. This bit is returned to its reset state by
the following events:
- Power-up
- Write Disable (WRDI) instruction completion
- Write Status Register (WRSR) instruction completion
- Page Program (PP) instruction completion
- Sector Erase (SE) instruction completion
- Bulk Erase (BE) instruction completion
The Block Protect (BP2, BP1, BP0) bits allow part of the
memory to be configured as read-only. This is the
Software Protected Mode (SPM).
The Write Protect (
W ) signal allows the Block Protect
(BP2, BP1, BP0) bits and Status Register Write Disable
(SRWD) bit to be protected. This is the Hardware
Protected Mode (HPM).
In addition to the low power consumption feature, the
Deep Power-down mode offers extra software protection
from inadvertant Write, Program and Erase instructions,
as all instructions are ignored except one particular
instruction
(the
Release
from
Deep
Power-down
instruction).


Similar Part No. - A25L40PUM-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L40PUM-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com