Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8663 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8663
Description  16V, 180關A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 5 Page - Analog Devices

  AD8663 Datasheet HTML 1Page - Analog Devices AD8663 Datasheet HTML 2Page - Analog Devices AD8663 Datasheet HTML 3Page - Analog Devices AD8663 Datasheet HTML 4Page - Analog Devices AD8663 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary Technical Data
AD8663
Rev. PrA | Page 5 of 5
ABSOLUTE MAXIMUM RATINGS
Table 1.
Parameter
Rating
Supply Voltage
18V
Input Voltage
VS supply
Differential Input Voltage
18V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in circuit board for surface-mount packages.
Table 2.
Package Type
θJA
θJC
Unit
8-Lead SOIC_N
121
43
°C/W
8-Lead LFCSP_VD
75
18
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8663ACPZ-R21
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ACPZ-R71
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ACPZ-RL1
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ARZ1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8663ARZ-R71
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8663ARZ-RL1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1 Z = Pb-free part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06742-0-6/07(PrA)


Similar Part No. - AD8663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8663ACPZ-R2 AD-AD8663ACPZ-R2 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663ACPZ-R2 AD-AD8663ACPZ-R2 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
More results

Similar Description - AD8663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667 AD-AD8667 Datasheet
178Kb / 4P
   16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers
REV. PrA 08/31/2006
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
logo
New Japan Radio
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com