Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1621-02 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LXMG1621-02
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1621-02 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LXMG1621-02 Datasheet HTML 2Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 3Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 4Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 5Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 6Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 7Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 8Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 9Page - Microsemi Corporation LXMG1621-02 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2005
Rev. 1.0a, 2006-11-13
RangeMAX
LXMG1621-xx
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PRODUCTION DATA SHEET
TM
®
CONNECTION SCHEMATIC
CN1
CN4
CN5
V
HI1
V
HI2
CN2
CN3
1
2
3
1
2
3
N.C
.
N.C
.
1
2
3
4
4
3
2
1
Figure 2a – LXMG1621-01 / 02 / 03 Connection Schematic
CN1
CN2
CN3
V
HI1
V
HI2
1
2
3
3
2
1
Figure 2b – LXMG1621-04 Connection Schematic
Connectors:
Mates With
CN1
Molex 53261-0871
Pins: 50079-8100*, Housing: 51021-0800
*Loose(-8000, Chain) Recommended #26 AwG wiring
Connection for LXMG1621-01 / 02 / 03
CN2, CN3
JST SM04(4.0)B-BHS-1-TB(LF)(SN)
or Yeon Ho 20015WR-07A00
JST BHR-04VS-1
CN4, CN5
JST SM03(4.0)B-BHS-1-TB(LF)(SN)
or Yeon Ho 20015WR-05A01
JST BHR-03VS-1
Connection for LXMG1621-04
CN2, CN3
JST SM03(4.0)B-BHS-1-TB(LF)(SN)
or Yeon Ho 20015WR-05A01
JST BHR-03VS-1
Connection Rules
1. Always install two (2) lamps. Operating with only one lamp may overdrive lamp current at maximum brightness settings.
2. Verify lamp wiring before connecting lamps to the inverter module. Connecting both lamps to one of the two inverter output
circuits will result in reduced brightness. The LXMG1621-01 / 02 / 03 module connectors are wired per industry standard. The
lamp hot wires (high voltage wires) are always on pin 1 and / or 2, and the cold wire (low voltage wire) is always on pin 3 or 4.
3. The LXMG1621-04 uses the reverse pinout found in some panels. The lamp hot wires (high voltage wires) are on pins 2 and 3
and the cold (low voltage wire) is on pin 1.


Similar Part No. - LXMG1621-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-02 MICROSEMI-LXMG1621-02 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXMG1621-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com