Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1623-12-41 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXMG1623-12-41
Description  12V Dual 4W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1623-12-41 Datasheet(HTML) 1 Page - Microsemi Corporation

  LXMG1623-12-41 Datasheet HTML 1Page - Microsemi Corporation LXMG1623-12-41 Datasheet HTML 2Page - Microsemi Corporation LXMG1623-12-41 Datasheet HTML 3Page - Microsemi Corporation LXMG1623-12-41 Datasheet HTML 4Page - Microsemi Corporation LXMG1623-12-41 Datasheet HTML 5Page - Microsemi Corporation LXMG1623-12-41 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2002
Rev. 1.1, 2006-11-15
PanelMatch
LXMG1623-12-4x
12V Dual 4W CCFL Programmable Inverter Module
TM
®
DESCRIPTION
The LXMG1623-12-4x is a Dual 4W
Output
Direct
Drive™
CCFL
(Cold
Cathode
Fluorescent
Lamp)
Inverter
Module specifically designed for driving
LCD backlight lamps.
It is ideal for
driving typical 6.4” to 10.4” TFT panels.
LXMG1623
modules
provide
the
designer with a vastly superior display
brightness range. This brightness range is
achievable with virtually any LCD display.
The modules are available with a
dimming input that permits brightness
control from either a DC voltage source or
a PWM signal or external Potentiometer.
The maximum output current is externally
programmable over a range of 5 to 6.5mA
in 0.5mA steps to allow the inverter to
properly match to a wide array of LCD
panel lamp current specifications.
RangeMAX
Digital
Dimming
Technique provides flicker-free brightness
control in any wide range typically (50:1+)
dimming application.
The
resultant
“burst
drive”
that
energizes
the
lamp
was
designed
specifically to ensure that no premature
lamp degradation occurs, while allowing
significant power savings at lower dim
levels.
The modules convert DC voltage from
the system battery or AC adapter directly
to high frequency, high-voltage waves
required to ignite and operate CCFL
lamps. A 5V input inverter also is
available (LXMG1623-05-4x), as well as
6W
versions
(LXMG1623-xx-6x)
for
driving larger higher voltage panels.
The modules design is based on
Microsemi’s
new
LX1689
backlight
controller, which provides a number of
cost and performance advantages due to
the controller’s high level of integration.
Other benefits of this new topology
are
stable
fixed-frequency
operation,
secondary-side strike-voltage regulation
and both open/shorted lamp protection
with fault timeout.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected By U.S. Patents: 5,923,129; 5,930,121; 6,198, 234; Patents Pending
KEY FEATUR ES
Externally Programmable
Maximum Output Current
Easy to Use Brightness Control
RangeMAX Wide Range Dimming
Output Open & Short-Circuit
Protection and Automatic Strike-
Voltage Regulation and Timeout
Fixed Frequency Operation
Rated From -20 to 70°C
UL60950 E175910
RoHS Compliant
APPLICATIONS
High Brightness Displays
Portable Instrumentation
Desktop Displays
Industrial Display Controls
BENEFITS
Smooth, Flicker Free 2%-100%
Full-Range Brightness Control
Programmable output current
allows inverter to mate with a
wide variety of LCD panel’s
specifications
Output Open Circuit Voltage
Regulation Minimizes Corona
Discharge For High Reliability
PRODUCT H I GHLIGHT
UNIVERSAL DIMMING INPUT
"
PWM", VDC, OR POTENTIOMETER
SELECTABLE MAXIMUM OUTPUT CURRENT 5MA TO 6.5MA RMS
DC Voltage
Source
Potentiometer
PWM
Signal
Microsemi
PACKAGE ORDER INFO
PART NUMBER
OUTPUT CONNECTOR
INVERTER MATES DIRECTLY
TO
PANEL CONNECTORS
LXMG1623-12-41
JST SM02(8.0)B-BHS-1-TB (LF)(SN) or Yeon Ho 20015WR-05A00
JST BHR-03VS-1
LXMG1623-12-42
JST SM02B-BHSS-1-TB (LF)(SN) or Yeon Ho 35001WR-02A00
JST BHSR-02VS-1


Similar Part No. - LXMG1623-12-41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1623-12-44 MICROSEMI-LXMG1623-12-44 Datasheet
183Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1623-12-41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1624-12-4X MICROSEMI-LXM1624-12-4X Datasheet
187Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXM1623-12-4X MICROSEMI-LXM1623-12-4X Datasheet
198Kb / 7P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1627-12-4X MICROSEMI-LXMG1627-12-4X Datasheet
193Kb / 6P
   12V Dual 4W Programmable CCFL Inverter Module
LXMG1623-12-44 MICROSEMI-LXMG1623-12-44 Datasheet
183Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1627-12-44 MICROSEMI-LXMG1627-12-44 Datasheet
184Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
   12V 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com