Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXMG1626-12-45 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXMG1626-12-45
Description  12V Dual 3W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1626-12-45 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXMG1626-12-45 Datasheet HTML 1Page - Microsemi Corporation LXMG1626-12-45 Datasheet HTML 2Page - Microsemi Corporation LXMG1626-12-45 Datasheet HTML 3Page - Microsemi Corporation LXMG1626-12-45 Datasheet HTML 4Page - Microsemi Corporation LXMG1626-12-45 Datasheet HTML 5Page - Microsemi Corporation LXMG1626-12-45 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2005
Rev.1.0, 2006-10-18
PanelMatch
LXMG1626-12-45
12V Dual 3W CCFL Programmable Inverter Module
TM
®
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V
Input Power ......................................................................................................................................................................... 8W
Output Voltage, no load ............................................................................................................ Internally Limited to 1500VRMS
Output Current (per lamp) ...........................................................................................................6.6mARMS (Internally Limited)
Output Power ..................................................................................................................................................................... 6W
Input Signal Voltage ( SLEEP Input)..................................................................................................................-0.3V to 13.2V
Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V
Ambient Operating Temperature, zero airflow.....................................................................................................-20°C to 70°C
Operating Relative Humidity, non-condensing ................................................................................................................ 90%
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified
terminal.
RECOMMEND E D O P ERATING CONDITIONS (R.C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, will not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated Lamp
Current)
10.8
12
13.2
Input Supply Voltage Range (Functional)
VIN1
10.2
12
13.6
V
Output Power
PO
4.5
5.5
W
Linear BRITE Control Input Voltage Range
VBRT_ADJ
0
2.0
V
Lamp Operating Voltage
VLAMP
385
435
485
VRMS¹
Lamp Current (Full Brightness, per Lamp)
IOLAMP
5.0
6.0
mARMS²
Operating Ambient Temperature Range
TA
-20
70
°C
¹ Based on single lamp voltage measurement.
²At input voltages below 12V the inverter may not be able to output the full 6mARMS per lamp in all configurations.
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of
25
°C except where otherwise noted.
LXMG1626-12-45
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Bright Lamp Current (two lamps)
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET = Ground
9
10
11
mARMS
Full Bright Lamp Current (two lamps)
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET = Open
11
12
13
mARMS
Output Current Lamp to Lamp
Deviation
ILL%DEV
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET = Open
5
%
Min. Average Lamp Current
IL(MIN)
VBRT_ADJ = 0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET = Ground; IOUT = IMAX * SQRT of % duty cycle
1.6
mARMS
Lamp Start Voltage
VLS
-20°C < TA < 70°C, VIN1 > 10.8VDC
1250
1400
VRMS
Operating Frequency
fO
VBRT_ADJ = 2.0VDC, SLEEP > 2.0V, VIN1 = 12V
55.2
57.6
60
kHz
Burst Frequency
fBURST
Output Burst Frequency
215
225
235
Hz
FAULT Output Voltage High
FAULTVH FAULT = -10uA
3
3.5
V
FAULT Output Voltage Low
FAULTVL FAULT = 10uA
0.3
0.8
V


Similar Part No. - LXMG1626-12-45

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45_07 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1626-12-45

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1624-12-4X MICROSEMI-LXM1624-12-4X Datasheet
187Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1623-12-4X MICROSEMI-LXMG1623-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1626-12-66 MICROSEMI-LXMG1626-12-66 Datasheet
189Kb / 6P
   12V 10W Dual CCFL Programmable Inverter Module
LXM1624-12-6X MICROSEMI-LXM1624-12-6X Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-46_0708 MICROSEMI-LXMG1626-12-46_0708 Datasheet
202Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-46 MICROSEMI-LXMG1626-12-46 Datasheet
182Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45_07 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1628-12-6X MICROSEMI-LXMG1628-12-6X Datasheet
187Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1626-12-64 MICROSEMI-LXM1626-12-64 Datasheet
178Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com