Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-2220 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ADNS-2220
Description  High-performance Optical Mouse Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS-2220 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ADNS-2220 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNS-2220 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Pinout
GND
NC
GND
VDD3
REFC
VDD3
NC
OPTP
NC
REFB
NCS
MISO
SCLK
GUARD
LED_CTRL
RESET
NPD
OSC_OUT
MOSI
OSC_IN
TOP VIEW
PINOUT
A3080
XYYWWZ
1
3
4
2
5
6
7
8
9
10
20
18
17
19
16
15
14
13
12
11
Figure 1. Package outline drawing (top view)
Pin
Name
Description
1
NCS
Chip select (active low input)
2
MISO
Serial data output (Master In/Slave Out)
3
SCLK
Serial clock input
4
MOSI
Serial data input (Master Out/Slave In)
5
LED_CTRL
LED control output
6
RESET
Reset input
7
NPD
Power down (active low input)
8
OSC_OUT
Oscillator output
9
GUARD
Oscillator gnd for PCB guard (optional)
10
OSC_IN
Oscillator input
11
NC
No connect
12
OPTP
Connect to VDD3
13
REFC
Reference capacitor
14
REFB
Reference capacitor
15
VDD3
Supply voltage
16
GND
Ground
17
VDD3
Supply voltage
18
NC
No connect
19
GND
Ground
20
NC
No connect


Similar Part No. - ADNS-2220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2220 AVAGO-ADNS-2220 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-2220 BOARDCOM-ADNS-2220 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2220-001 AVAGO-ADNS-2220-001 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
ADNS-2220-001 AVAGO-ADNS-2220-001 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNS-2220-001 AVAGO-ADNS-2220-001 Datasheet
107Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-2220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com