Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1531CSTB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AIC1531CSTB
Description  500mA Dual Linear Regulator with Internal Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AIC1531CSTB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AIC1531CSTB Datasheet HTML 1Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 2Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 3Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 4Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 5Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 6Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 7Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 8Page - List of Unclassifed Manufacturers AIC1531CSTB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC1531
3
n ELECTRICAL CHARACTERISTICS (V
IN= 5V, TA=25
°C, unless otherwise
specified.)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Regulated Output Voltage
0mA < ILOAD < 500mA
3.135
3.300
3.465
V
Regulated Output Current
500
mA
Output Voltage Load
Regulation
VCC selected
ILOAD=50mA ~ 500 mA
VSBY selected
ILOAD=50mA ~ 500mA
20
mV
Output Voltage Line Regulation
VCC=4.5V~5.5V, ILOAD=5mA
VSBY=4.5V~5.5V, ILOAD=5mA
2
mV
VCC Select Voltage
VCC Deselect Voltage
VSBY > VSBYDES or VAUX present
VCC < VCCDES
3.90
4.50
4.20
4.60
V
VSBY Select Voltage
VSBY Deselect Voltage
VAUX present
VSBY< VSBYDES
3.90
4.50
4.20
4.60
V
Hysteresis Voltage
0.30
V
Auxiliary Switch Resistance
VCC , VSBY are deselected
120
200
m
Short Circuit Current
VCC/SBY=5V, VOUT=0V
1000
mA
VCC Pin Reverse Leakage
VSBY Pin Reverse Leakage
AUX Pin Reverse Leakage
One supply input taken to ground
while the others remain at nominal
voltage
5
50
µA
VCC Supply Current
(when VSBY is not present)
VCC > VCCSEL , ILOAD=0mA
VCCDES > VCC > VOUT
VOUT > VCC
70
50
10
300
200
20
µA
VSBY Supply Current
(when VCC is not present)
VSBY > VCCSEL , ILOAD=0mA
VSBYDES > VSBY > VOUT
VOUT > VSBY
70
50
10
300
200
20
µA
VAUX Supply Current
VCC or VSBY > VOUT
VCC and VSBY < VOUT
10
50
100
400
µA
Ground Current
Both VCC and VSBY are deselected
VCC/SBY=5V , ILOAD = 0mA
VCC/SBY=5V , ILOAD = 500mA
60
100
100
300
500
500
µA


Similar Part No. - AIC1531CSTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1532CN AIC-AIC1532CN Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1532CS AIC-AIC1532CS Datasheet
59Kb / 4P
   500mA DUAL REGULATOR WITH VAUX DRIVE
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
AIC1533CLTB AIC-AIC1533CLTB Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results

Similar Description - AIC1531CSTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
SS6532 SSC-SS6532 Datasheet
639Kb / 9P
   500mA Dual Linear Regulator with VAUX Driver
logo
California Micro Device...
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
   Dual 500mA High PSRR Linear Regulator
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
   500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
   500mA Linear Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com