Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMA2805S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMA2805S
Description  Radiation Tolerant DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMA2805S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMA2805S Datasheet HTML 1Page - List of Unclassifed Manufacturers AMA2805S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMA2800S
AMA2800S
AMA2800S
AMA2800S
LAMBDA ADVANCED ANALOG INC. λ
2270 Martin Avenue Santa Clara CA 95050
Ph (408) 988-4930 FAX (408) 988-2702
0007
Absolute Maximum Ratings (Exceeding these limits may cause damage to the device)
Input Voltage:
-0.5V to +50VDC
Power Output:
Internally Limited to 6.5 W typical
Soldering:
300°C, 10 Sec
Temperature Range:
Operating – -55°C to +125°C
Storage – -65°C to +135°C
Typical Performance Characteristics
Parameter
Conditions unless otherwise specified
-55
°°°°C ≤≤≤≤ TC≤≤≤≤ +125°°°°C, VIN+28Vdc, CL=0
Limits
OUTPUT
Voltage Accuracy
Power
Ripple voltage
IOUT = IMAX, TC = +25
°C
VMIN
≤ VIN ≤ VMAX
IOUT = IMAX
± 1%
5 W
50 mVPP
REGULATION
Line
Load
VMIN
≤ VIN ≤ VMAX
IMIN
≤ IOUT ≤ IMAX
±0.5%
±0.5%
INPUT
Voltage Range
Ripple Current
VMIN
≤ VIN ≤ VMAX, IOUT = IMAX
16 V to 40 Vdc
100 mAPP
SWITCHING FREQUENCY
Synchronization input open
550 KHz
EFFICIENCY
IOUT = IMAX, TC = +25
°C
70%
LOAD FAULT POWER
DISSIPATION
Short Circuit or Overload
4 W
LOAD TRANSIENT
Response
Recovery
50% Load to/from 100% load
±5% VOUT
300 µSec
LINE TRANSIENT
Response
Recovery
IOUT = IMAX, VIN = 16 V to/from 40 V
±7% VOUT
400 µSec
TURN ON DELAY
IOUT = IMIN or IMAX
12 mSec
Mechanical Outline
1.130
68
7
1
2
3
4
5
0.800
1.380
0.880
0.125
Ø 0.140
x 3
0.25 Typ
1.130
0.270
0.025 D
× 0.22 L Pins


Similar Part No. - AMA2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2805S IRF-AMA2805S Datasheet
64Kb / 7P
   RADIATION TOLERANT DC/DC CONVERTERS
AMA2805S IRF-AMA2805S Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2805S IRF-AMA2805S Datasheet
248Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2805S/CH IRF-AMA2805S/CH Datasheet
126Kb / 7P
   HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805S/CH IRF-AMA2805S/CH Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2803R3S IRF-AMA2803R3S Datasheet
64Kb / 7P
   RADIATION TOLERANT DC/DC CONVERTERS
AMF2803R3S IRF-AMF2803R3S Datasheet
79Kb / 7P
   ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
M3L2815S IRF-M3L2815S Datasheet
88Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
AMF28XXD IRF-AMF28XXD Datasheet
69Kb / 7P
   28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMA28XXD IRF-AMA28XXD Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2815D IRF-AMA2815D Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2815S IRF-AMF2815S Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2805S IRF-AMF2805S Datasheet
243Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR2800D IRF-AMR2800D_15 Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3H2803R3S IRF-M3H2803R3S Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com