Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84114D0000B060 Datasheet(PDF) 5 Page - EPCOS

Part # B84114D0000B060
Description  SIFI-D for high insertion loss
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84114D0000B060 Datasheet(HTML) 5 Page - EPCOS

  B84114D0000B060 Datasheet HTML 1Page - EPCOS B84114D0000B060 Datasheet HTML 2Page - EPCOS B84114D0000B060 Datasheet HTML 3Page - EPCOS B84114D0000B060 Datasheet HTML 4Page - EPCOS B84114D0000B060 Datasheet HTML 5Page - EPCOS B84114D0000B060 Datasheet HTML 6Page - EPCOS B84114D0000B060 Datasheet HTML 7Page - EPCOS B84114D0000B060 Datasheet HTML 8Page - EPCOS B84114D0000B060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-line filters
B84114D
SIFI-D for high insertion loss
Case styles and dimensions
Case
style
IR
A
Dimensions (mm)
b1
b2
b3
b4
l1
l2
l3
l4
h1
h2
Litz
mm2
Style
1015
A
B
K
L
1
1
1
1
50.8
50.8
50.8
50.8
31.5
31.5
60.4
70
63.5
63.5
79.5
63.5
74.7
74.7
84.5
84.5
89.5
89.5
28.6
28.6
32
28.6
20
20
0.82
AWG18
A
B
L
2
2
2
50.8
50.8
50.8
31.5
31.5
60.4
70
63.5
63.5
63.5
74.7
74.7
84.5
84.5
89.5
89.5
28.6
28.6
28.6
20
20
0.82
AWG18
A
B
K
L
3
3
3
3
50.8
50.8
50.8
50.8
31.5
31.5
60.4
70
63.5
63.5
79.5
63.5
74.7
74.7
84.5
84.5
89.5
89.5
28.6
28.6
32
28.6
20
20
0.82
AWG18
A
B
K
L
6
6
6
6
50.8
50.8
50.8
50.8
31.5
31.5
60.4
70
75.5
75.5
92.5
75.5
87.1
87.1
97
97
101.5
101.5
31.8
31.8
32
31.8
20
20
0.82
AWG18
A
B
L
10
10
10
See dimensional drawing
See dimensional drawing
50.8 —
92
103.1 113
44.5 —
1.35
AWG16
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B84114D0000B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84114D0000B060 EPCOS-B84114D0000B060 Datasheet
159Kb / 10P
   EMC filters
More results

Similar Description - B84114D0000B060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
B84112G0000B030 EPCOS-B84112G0000B030 Datasheet
217Kb / 13P
   2−line filters SIFI−G for enhanced insertion loss
B84111F0000B030 EPCOS-B84111F0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−F for normal insertion loss
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84112B EPCOS-B84112B Datasheet
163Kb / 10P
   2-line filters SIFI-B for enhanced insertion loss Rated current 1 to 20 A
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
   Loss Insertion Loss
logo
EPCOS
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com