Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8S64QFC-8 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH8S64QFC-8
Description  536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64QFC-8 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH8S64QFC-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64QFC-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH8S64QFC -7,-7L,-8,-8L,-10,-10L
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
12.Jan.1999
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0306-0.0
5
Serial Presence Detect Table II
31
Density of each bank on module
64MByte
10
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
rev 1
01
63
Checksum for bytes 0-62
Check sum for -8
4D
Check sum for -10
4A
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
MH8S64QFC-8
4D48385336345146432D3820202020202020
MH8S64QFC-10
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
06
128+
Unused storage locations
open
00
4D48385336345146432D3130202020202020
32
Command and Address signal input setup time
-7,8
-10
2ns
N/A
20
00
20
00
33
Command and Address signal input hold time
-7,8
-10
1ns
N/A
10
00
34
Data signal input setup time
-7,8
-10
2ns
N/A
35
Data signal input hold time
-7,8
-10
1ns
N/A
10
00
-7,8
-10
rev 1.2A
12
Check sum for -7
0D
MH8S64QFC-7
4D48385336345146432D3720202020202020
-7,8
-10
66MHz
66
-7
-10
8F
CL=2/3,AP,CK0
CL=2/3
MH8S64QFC-8L
4D48385336345146432D384C202020202020
MH8S64QFC-10L
4D48385336345146432D31304C2020202020
MH8S64QFC-7L
4D48385336345146432D374C202020202020
-8
8D
CL=3,AP,CK0
The -7, -8 indicate also -7L, -8L.


Similar Part No. - MH8S64QFC-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-6 MITSUBISHI-MH8S64AQFC-6 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-6L MITSUBISHI-MH8S64AQFC-6L Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7L MITSUBISHI-MH8S64AQFC-7L Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64QFC-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-6 MITSUBISHI-MH8S64DBKG-6 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64PHC-7 MITSUBISHI-MH8S64PHC-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BMG-7 MITSUBISHI-MH8S64BMG-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKG-7 MITSUBISHI-MH8S64BBKG-7 Datasheet
578Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com