Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPM2C-16EDM Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CPM2C-16EDM
Description  Compact PLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C-16EDM Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CPM2C-16EDM Datasheet HTML 6Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 7Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 8Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 9Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 10Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 11Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 12Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 13Page - Omron Electronics LLC CPM2C-16EDM Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
58
Specifications
(Continued)
Input voltage
ON level
OFF level
24 VDC (20.4..26.4 VDC)
Min. 14.4 VDC
Max. 5.0 VDC
Input impedance
3.9..4.7 k
W (IN0000..IN0001: 2.7 kW)
Input current
5..6 mA (IN0000..IN0001: 8 mA)
ON/OFF delay
10 ms (selectable in 8 steps from 1..80 ms)
Type of output
Relay
Max. switching capacity
250 VAC, 2 A (cos
ϕ=1); 24 VDC, 2 A
Min. switching capacity
5 VDC, 10 mA
Relay life
electrical
mechanical
150,000 operations at R load,
100,000 operations at L load
20,000,000 operations
ON/OFF delay
Max. 15 ms
Type of output
Transistor
Switching capacity
24 V (20.4..26.4 V), 0.3 A for first set of 8
24 V (20.4..26.4 V), 0.1 A for second set of 8
Leakage current
Max. 0.1 mA
Residual voltage
Max. 0.8 V
ON delay
OFF delay
Max. 0.1 ms (pulse outputs 20
µs)
Max. 1 ms (pulse outputs 40
µs at >10mA)
Power Supplies
Power supply unit
Power supply for
Model code
CPM2C–PA201
− Power supply for
CPM2A and CPM2C
series
Input voltage
100..240 VAC
series
Output voltage
24 VDC, 600 mA (14.4W)
Port Adapters
Description
Cable length
Model code
RS–232C port adapter
Adapter unit for connection to the
peripheral port of the CPM2C−CPU
7 cm
CPM2C–CIF01–V1
peripheral port of the CPM2C−CPU
− 1x peripheral port (RS−232C possible
i CS1W CN226)
1x peripheral port (RS 232C possible
via CS1W−CN226)
− 1x RS−232C
− 1x RS−232C
RS–232C and
RS–422/485
port adapter
Adapter unit for connection to the
peripheral port of the CPM2C−CPU
1x RS 422/485
7 cm
CPM2C–CIF11
port adapter
− 1x RS−422/485
− 1x RS−232C
RS–232C and
RS–422/485
communication adapter
Fd
i
i
Adapter unit for connection to the
peripheral port of the CPM2C−CPU
− 1x RS−422/485
7 cm
CPM2C–CIF21
p
For device connection
overview, see page 61
1x RS 422/485
− 1x RS−232C
− Communication protocol for
CompoWay/F, SYSWAY, NT−Link
CompoWay/F, SYSWAY, NT Link
− Communication programs for
OMRON timers, counters, controllers
and multi−function displays
Compact PLC Series CPM2C
DC inputs of CPU Units
The inputs IN0000..IN0001
are the fast counter inputs
(e.g. encoder phase A
and B).
Relay outputs of
CPU Units
Transistor outputs of
CPU Units


Similar Part No. - CPM2C-16EDM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
   CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C-16EDM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
   Compact, Multi-function, Multiple Instructions PLC
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
   PFBR45 Series PLC Transformer
REV. 05/22
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
   PLC XFMR
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
   PLC Transformer
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
   RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
   PLC Splitter Module
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com