Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8372G Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MRF8372G
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF8372G Datasheet(HTML) 1 Page - Advanced Power Technology

  MRF8372G Datasheet HTML 1Page - Advanced Power Technology MRF8372G Datasheet HTML 2Page - Advanced Power Technology MRF8372G Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF8372, R1, R2
MRF8372G, R1, R2
Rev A 9/2005
* G Denotes RoHS Compliant, Pb Free Terminal Finish
R1 suffix–Tape and Reel, 500 units
R2 suffix–Tape and Reel, 2500 units
DESCRIPTION: Designed primarily for wideband large signal stages in
the 800 MHz and UHF frequency ranges.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
16
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current
200
mA
PD
Total Device Dissipation @ TC = 50ºC
2.2
W
TSTG
Storage Junction Temperature Range
-65 to +150
ºC
Thermal Data
RTH(J-C)
Thermal Resistance Junction-Case
45
°C/W
SO-8
Features
Specified @ 12.5V, 870 MHz characteristics
Output Power = 750 mW
Minimum Gain = 8.0dB
Efficiency 60% Typical
Cost Effective SO-8 package
RF & MICROWAVE DISCRETE
LOW POWER TRANSISTORS


Similar Part No. - MRF8372G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF8372 MOTOROLA-MRF8372 Datasheet
101Kb / 6P
   RF LOW POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Motorola, Inc
MRF8372R1 MOTOROLA-MRF8372R1 Datasheet
101Kb / 6P
   RF LOW POWER TRANSISTOR NPN SILICON
MRF8372R2 MOTOROLA-MRF8372R2 Datasheet
101Kb / 6P
   RF LOW POWER TRANSISTOR NPN SILICON
More results

Similar Description - MRF8372G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com