Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S303E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S303E
Description  Sensors - ac-Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S303E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S303E Datasheet HTML 1Page - List of Unclassifed Manufacturers S303E Datasheet HTML 2Page - List of Unclassifed Manufacturers S303E Datasheet HTML 3Page - List of Unclassifed Manufacturers S303E Datasheet HTML 4Page - List of Unclassifed Manufacturers S303E Datasheet HTML 5Page - List of Unclassifed Manufacturers S303E Datasheet HTML 6Page - List of Unclassifed Manufacturers S303E Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
S30 Sensors – ac-Voltage Series
4
P/N 121519
Banner Engineering Corp. Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Supply Voltage and
Current
20 to 250V ac (50/60 Hz)
Average current: 20 mA
Peak current: 200 mA @ 20V ac, 500 mA @ 120V ac, 750 mA @ 250V ac
Supply Protection
Circuitry
Protected against transient voltages
Output Configuration
SPST solid-state ac switch; three-wire hookup; light operate or dark operate, depending on model
Light Operate: Output conducts when sensor sees its own (or the emitter’s) modulated light
Dark Operate: Output conducts when the sensor sees dark
Output Rating
300 mA maximum (continuous)
Fixed-Field models: derate 5 mA/°C above +50° C (+122° F)
Inrush capability: 1 amp for 20 milliseconds, non-repetitive
OFF-state leakage current: < 100 microamps
ON-state saturation voltage: 3V @ 300 mA ac; 2V @ 15 mA ac
Output Protection
Circuitry
Protected against false pulse on power-up
Output Response Time
Opposed mode: 16 milliseconds ON, 8 milliseconds OFF
Other models: 16 milliseconds ON and OFF
NOTE: 100 millisecond delay on power-up; outputs do not conduct during this time.
Repeatability
Opposed mode: 2 milliseconds
Other models: 4 milliseconds
Repeatability and response are independent of signal strength
Indicators
Two LEDs (Green and Yellow)
Green ON steady: power to sensor is ON
Yellow ON steady: sensor sees light
Yellow flashing: excess gain marginal (1 to 1.5x) in light condition
Construction
PBT polyester housing; polycarbonate (opposed-mode) or acrylic lens
Environmental Rating
Leakproof design rated NEMA 6P, DIN 40050 (IP69K)
Connections
2 m (6.5') attached cable or 4-pin Micro-style quick-disconnect fitting
Operating Conditions
Temperature: -40° to +70° C (-40° to +158° F)
Maximum relative humidity: 90% at 50° C (non-condensing)
Vibration and Mechanical
Shock
All models meet Mil. Std. 202F requirements. Method 201A (Vibration; frequency 10 to 60 Hz, max., double
amplitude 0.06" acceleration 10G). Method 213B conditions H&I (Shock: 75G with unit operating; 100G for
non-operation)
Certifications
Specifications


Similar Part No. - S303E

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
S303E BANNER-S303E Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
More results

Similar Description - S303E

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
T18 BANNER-T18 Datasheet
329Kb / 3P
   T18 Series Sensors (AC Voltage)
S30 BANNER-S30 Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com