Selected language     English  ▼


TDA4850 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4850
Description  Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Jun 05
11
Philips Semiconductors
Product specification
Horizontal and vertical deflection controller
for VGA/XGA and multi-frequency monitors
TDA4850
Notes to the Characteristics
1.
∆Io/∆t relative to value of mode 3.
2. Parabola amplitude tracks with mode-dependent vertical amplitude but not with vertical amplitude adjustment.
Tracking can be achieved by a resistor from vertical amplitude potentiometer to pin 14.
Vertical amplitude adjustment (in percent of output signal)
V13
input voltage
5.0
V
I13
adjustment current
Io max (100%)
−110
−120
−135
µA
Io min (typically 58%)
0
−µA
∆I
o/∆t
VGA mode-dependent pre-settings
activated by an external resistor on pin 7
note 1; see Table 2
mode 1
116.1
116.8
117.5
%
mode 2
102.0
102.2
102.5
%
mode 3
100
%
mode 4
100
%
multi-frequency operation (VGA operation
disabled)
V7 <50mV
100
%
E/W output; note 2
V11
bottom output signal during mid-scan
(pin 11)
internally stabilized
1.05
1.2
1.35
V
top output signal during flyback
4.1
4.35
4.6
V
TC
temperature coefficient of output signal
−−
250
10−6/K
E/W amplitude adjustment (parabola); see Fig.4
V14
input voltage (pin 14)
5.0
V
I14
adjustment current
100% parabola
−110
−120
−135
µA
typically 28% parabola
0
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device
TDA8215BHORIZONTAL AND VERTICAL DEFLECTION CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
NTE7136Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl