Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4850 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4850
Description  Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4850 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4850 Datasheet HTML 1Page - NXP Semiconductors TDA4850 Datasheet HTML 2Page - NXP Semiconductors TDA4850 Datasheet HTML 3Page - NXP Semiconductors TDA4850 Datasheet HTML 4Page - NXP Semiconductors TDA4850 Datasheet HTML 5Page - NXP Semiconductors TDA4850 Datasheet HTML 6Page - NXP Semiconductors TDA4850 Datasheet HTML 7Page - NXP Semiconductors TDA4850 Datasheet HTML 8Page - NXP Semiconductors TDA4850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Jun 05
4
Philips Semiconductors
Product specification
Horizontal and vertical deflection controller
for VGA/XGA and multi-frequency monitors
TDA4850
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
positive supply voltage
FLB
2
horizontal flyback input
HOR
3
horizontal output
GND
4
ground (0 V)
VERT1
5
vertical output 1;
negative-going sawtooth
VERT2
6
vertical output 2;
positive-going sawtooth
MODE
7
4th mode output and mode detector
disable input
CLBL
8
clamping/blanking pulse output
HVS
9
horizontal sync/video input
VS
10
vertical sync input
EW
11
E/W output (parabola to driver stage)
CVA
12
capacitor for amplitude control
RVA
13
vertical amplitude adjustment input
REW
14
E/W amplitude adjustment input
(parabola)
RVOS
15
vertical oscillator resistor
CVOS
16
vertical oscillator capacitor
PLL1
17
PLL1 phase
RHOS
18
horizontal oscillator resistor
CHOS
19
horizontal oscillator capacitor
PLL2
20
PLL2 phase
Fig.2 Pin configuration.
handbook, halfpage
VP
FLB
HOR
GND
VERT1
VERT2
MODE
CLBL
HVS
VS
PLL2
CHOS
RHOS
PLL1
RVOS
REW
CVOS
RVA
CVA
EW
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA4850
MEH168


Similar Part No. - TDA4850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4854 PHILIPS-TDA4854 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
More results

Similar Description - TDA4850

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com