Selected language     English  ▼


TDA4851 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
November 1992
5
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for VGA/XGA and autosync monitors
TDA4851
needed for VGA). The vertical amplitude then remains
constant in a frequency range from 50 Hz up to 110 Hz.
Clamping and V-blanking generator
A combined clamping and V-blanking pulse is available on
pin 8 (suitable for the video pre-amplifier TDA4881). The
lower level of 1.9 V is the blanking signal derived from the
vertical blanking pulse from the internal vertical oscillator.
Vertical blanking equals the delay between vertical sync
and start of vertical scan. By this, an optimum blanking is
achieved for VGA/XGA and autosync operation
(selectable via pin 7).
The upper level of 5.4 V is the horizontal clamping pulse
with an internally fixed pulse width of 0.8
µs. A monoflop,
which is triggered by the trailing edge of the horizontal
sync pulse, generates this pulse. If composite sync is
applied, one clamping pulse per H-period is generated
during V-sync. The phase of the clamping pulse may
change during V-sync (see Fig.8).
PLL1 phase detector
The phase detector is a standard type using switched
current sources. The middle of the sync is compared with
a fixed point of the oscillator sawtooth voltage. The PLL
filter is connected to pin 17. If composite sync is applied,
the disturbed control voltage is corrected during V-sync
(see Fig.8).
Horizontal oscillator
This oscillator is of the relaxation type and requires a fixed
capacitor of 10 nF at pin 19. By changing the current into
pin 18 the whole frequency range from 13 to 100 kHz can
be covered.
The current can be generated either by a frequency to
voltage converter or by a resistor. A frequency adjustment
may also be added if necessary.
The PLL1 control voltage at pin 17 modulates via a buffer
stage the oscillator thresholds. A high DC-loop gain
ensures a stable phase relationship between horizontal
sync and line flyback pulses.
PLL2 phase detector
This phase detector is similar to the PLL1 phase detector.
Line flyback signals (pin 2) are compared with a fixed point
of the oscillator sawtooth voltage. Delays in the horizontal
deflection circuit are compensated by adjusting the phase
relationship between horizontal sync and horizontal output
pulses.
A certain amount of phase adjustment is possible by
injecting a DC current from an external source into the
PLL2 filter capacitor at pin 20.
Horizontal driver
This open-collector output stage (pin 3) can directly drive
an external driver transistor. The saturation voltage is less
than 300 mV at 20 mA.
To protect the line deflection transistor, the horizontal
output stage does not conduct for VP < 6.4 V (pin 1).
Vertical oscillator and amplitude control
This stage is designed for fast stabilization of the vertical
amplitude after changes in sync conditions. The
free-running frequency f0 is determined by the values of
RVOS and CVOS. The recommended values should be
altered marginally only to preserve the excellent linearity
and noise performance. The vertical drive currents I5 and
I6 are in relation to the value of RVOS.
Therefore, the oscillator frequency must be determined
only by CVOS on pin 16.
To achieve a stabilized amplitude the free-running
frequency f0 (without adjustment) must be lower than the
lowest occurring sync frequency. The following
contributions can be assumed:
(for 50 to 110 Hz application)
minimum frequency
offset between f0 and the
lowest trigger frequency
10%
spread of IC
±3%
spread of R (22 k
Ω)
±1%
spread of C (0.1
µF)
±5%
19%
f
0
1
10.8
R
VOS
×
C
VOS
×
-----------------------------------------------------
=
Result: f
0
50
1.19
----------- Hz
42 Hz
==




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl