Selected language     English  ▼


TDA4851 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
November 1992
6
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for VGA/XGA and autosync monitors
TDA4851
Table 1
VGA modes
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134)
Note to the Limiting Values
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL RESISTANCE
MODE
H / V SYNC
POLARITY
FREQUENCY H
(kHz)
FREQUENCY V
(Hz)
NUMBER OF
ACTIVE LINES
MODE OUTPUT
PIN 7
1
+ / −
31.45
70
350
LOW
2
− / +
31.45
70
400
LOW
3
− / −
31.45
60
480
LOW
4
+ / +
fixed by external circuitry
−−
HIGH
autosync
*/*
fixed by external circuitry
−−
forced to GND
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
−0.5
16
V
V3,7
voltage on pins 3 and 7
−0.5
16
V
V8
voltage on pin 8
−0.5
7
V
Vn
voltage on pins 5, 6, 9, 10, 13, 14 and 18
−0.5
6.5
V
I2
current on pin 2
−±10
mA
I3
current on pin 3
100
mA
I7
current on pin 7
20
mA
I8
current on pin 8
−−10
mA
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
0
70
°C
Tj
maximum junction temperature
0
+150
°C
VESD
electrostatic handling for all pins (note 1)
−±400
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
65 K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl