Selected language     English  ▼


TDA4851 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
November 1992
9
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for VGA/XGA and autosync monitors
TDA4851
Vertical differential output
Fig.7
Io
differential output current between
pins 5 and 6 (peak-to-peak value)
mode 3; I13 >−135 µA;
R15 =22kΩ
0.9
1.0
1.1
mA
maximum offset-current error
Io =1mA
−−
±2.5
%
maximum linearity error
−−
±1.5
%
Vertical amplitude adjustment (in percentage of output signal)
V13
input voltage
5.0
V
I13
adjustment current
Io max (100%)
−110
−120
−135
µA
Io min (typically 58%)
0
−µA
∆Io/∆t
VGA mode-dependent pre-settings
activated by an external resistor on pin 7
Table 1; note 1
Mode 1
116.2
116.8
117.4
%
Mode 2
101.6
102.2
102.8
%
Mode 3
100
%
Mode 4
100
%
autosync operation
(VGA operation disabled)
V7 < 50 mV
100
%
Horizontal comparator PLL1
V17
upper control voltage limitation
5.9
V
lower control voltage limitation
5.1
V
I17
control current
Fig.6
−±0.083I18
mA
Horizontal oscillator
fosc
centre frequency
R18 = 2.4 kΩ (pin 18);
C19 = 10 nF (pin 19)
31.45
kHz
deviation of centre frequency
−−
±3%
temperature coefficient
0
+200
+300
10-6/K
ϕ
H/tH
relative holding/catching range
±6
±6.5
±7.3
%
I18
external oscillator current
−0.5
−−4.3
mA
V18
voltage at reference current input
(pin 18)
2.35
2.5
2.65
V
Horizontal PLL2
Fig.6
V2
upper clamping level of flyback input
I2 =6mA
5.5
V
lower clamping level of flyback input
I2 = −1mA
−−0.75
V
H-flyback slicing level
3.0
V
td/tH
delay between middle of sync and
middle of H-flyback related to tH
3.0
%
V20
upper control voltage limitation
6.2
V
lower control voltage limitation
4.8
V
I20
control current
−±0.083I18 −µA
∆t/tH
PLL2 control range related to tH
30
−−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl