Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4851 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4851 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4851 Datasheet HTML 1Page - NXP Semiconductors TDA4851 Datasheet HTML 2Page - NXP Semiconductors TDA4851 Datasheet HTML 3Page - NXP Semiconductors TDA4851 Datasheet HTML 4Page - NXP Semiconductors TDA4851 Datasheet HTML 5Page - NXP Semiconductors TDA4851 Datasheet HTML 6Page - NXP Semiconductors TDA4851 Datasheet HTML 7Page - NXP Semiconductors TDA4851 Datasheet HTML 8Page - NXP Semiconductors TDA4851 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
November 1992
2
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller for
VGA/XGA and autosync monitors
TDA4851
FEATURES
• VGA operation fully implemented including
alignment-free vertical and E/W amplitude presettings
• 4th VGA mode easy applicable (XGA, Super VGA)
• Autosync operation externally selectable
• Low jitter
• All adjustments DC-controllable
• Alignment-free oscillators
• Sync separators for video or horizontal and vertical TTL
sync levels regardless of polarity
• Horizontal oscillator with PLL1 for sync and PLL2 for
flyback
• Constant vertical and E/W amplitude in autosync
operation
• DC-coupling to vertical power amplifier
• Internal supply voltage stabilization with excellent ripple
rejection to ensure stable geometrical adjustments
GENERAL DESCRIPTION
The TDA4851 is a monolithic integrated circuit for
economical solutions in VGA/XGA and autosync monitors.
The IC incorporates the complete horizontal and vertical
small signal processing.
VGA-dependent mode detection and settings are
performed on chip. In conjunction with TDA4860/61/65,
or TDA8351 (vertical output circuits) the ICs offer an
extremely advanced system solution.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT146-1; 1996 November 26.
SYMBOL
PARAMETER
MIN. TYP.
MAX.
UNIT
VP
positive supply voltage (pin 1)
9.2
12
16
V
IP
supply current
40
mA
Vi sync
AC-coupled composite video signal with negative-going sync
(peak-to-peak value, pin 9)
1
V
sync slicing level
120
mV
DC-coupled TTL-compatible horizontal sync signal (peak-to-peak value,
pin 9)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
DC-coupled TTL-compatible vertical sync signal (peak-to-peak value,
pin 10)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
Io V
vertical differential output current (peak-to-peak value, pins 5 and 6)
1
mA
Io H
horizontal sink output current on pin 3
−−
60
mA
Tamb
operating ambient temperature range
0
−+70
°C
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA4851
20
DIL
plastic
SOT146(1)


Similar Part No. - TDA4851

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4854 PHILIPS-TDA4854 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
More results

Similar Description - TDA4851

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
NTE Electronics
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
NXP Semiconductors
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com