Selected language     English  ▼


TDA4851 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4851
Description  Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
November 1992
4
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for VGA/XGA and autosync monitors
TDA4851
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
positive supply voltage
FLB
2
horizontal flyback input
HOR
3
horizontal output
GND
4
ground (0 V)
VERT1
5
vertical output 1; negative-going sawtooth
VERT2
6
vertical output 2; positive-going sawtooth
MODE
7
4th mode output and autosync input
CLBL
8
clamping/blanking pulse output
HVS
9
horizontal sync/video input
VS
10
vertical sync input
EW
11
E/W output (parabola to driver stage)
CVA
12
capacitor for amplitude control
RVA
13
vertical amplitude adjustment input
REW
14
E/W amplitude adjustment input (parabola)
RVOS
15
vertical oscillator resistor
CVOS
16
vertical oscillator capacitor
PLL1
17
PLL1 phase
RHOS
18
horizontal oscillator resistor
CHOS
19
horizontal oscillator capacitor
PLL2
20
PLL2 phase
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
Horizontal sync separator and polarity correction
An AC-coupled video signal or a DC-coupled TTL sync
signal (H only or composite sync) is input on pin 9. Video
signals are clamped with top sync on 1.28 V, and are
sliced at 1.4 V. This results in a fixed absolute slicing level
of 120 mV related to top sync.
DC-coupled TTL sync signals are also sliced at 1.4 V,
however with the clamping circuit in current limitation.
The polarity of the separated sync is detected by internal
integration of the signal, then the polarity is corrected.
The polarity information is fed to the VGA mode detector.
The corrected sync is input signal for the vertical sync
integrator and the PLL1 stage.
Vertical sync separator, polarity correction and
vertical sync integrator
DC-coupled vertical TTL sync signals may be applied to
pin 10. They are sliced at 1.4 V. The polarity of the
separated sync is detected by internal integration, then the
polarity is corrected. The polarity information is fed to the
VGA mode detector. If pin 10 is not used, it must be
connected to ground. The separated Vi sync signal from
pin10, or the integrated composite sync signal from pin 9
(TTL or video) triggers directly the vertical oscillator.
VGA mode detector and mode output
The three standard VGA modes and a 4th not fixed mode
are decoded by the polarities of the horizontal and the
vertical sync input signals. An external resistor (from VP to
pin 7) is necessary to match this function. In all three VGA
modes the correct amplitudes are activated. The presence
of the 4th mode is indicated by a HIGH on pin 7. This signal
can be used externally to switch any horizontal or vertical
parameters.
VGA mode detector input
For autosync operation the voltage on pin 7 must be
externally forced to a level of
< 50 mV. Vertical amplitude
pre-settings for VGA are then inhibited. The delay time
between vertical trigger pulse and the start of vertical
deflection changes from 575
µs to 300 µs (575 µs is




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl