Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM3C Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3C
Description  MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3C Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3C Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICROPROCESSOR CRYSTALS
ULTRA MINIATURE
CERAMIC SURFACE MOUNT
ABM3C
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
10.000MHz - 40.000MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to +70°C (See Options)
Storage Temperature
-40°C to +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±50ppm max. (See Options)
Equivalent Series Resistance
60 W max. for 10.0MHz < F < 16.0MHz
(ESR) Maximum
50 W max. for 16.0MHz < F < 40.0MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
100µW max., 10µW correlation
Aging @ 25°C First Year
±5ppm max.
Insulation Resistance
500MW min. at 100Vdc ±15V
ABM3C - Frequency - CL - ESR - Temperature - Tolerance - Stability - Packaging
XX.XXXX MHz
RXXX( value in W )
- T
(Tape & Reel)
Load cap.in pF
or -S for Series
-Y for ± 30ppm max.*
-H for ± 35ppm max.*
-E for 0 °C to + 70°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
-2 for ± 20ppm max.**
-3 for ± 25ppm max.**
-4 for ± 30ppm max.
ORDERING OPTIONS
Dimensions: Inches (mm)
* -10°C to +70°C only
** Please call for availability.
APPLICATIONS:
• Cellular telephones, Pagers.
• Communication, Test equipment.
• High density applications.
• Cordless telephones, Fascimiles
FEATURES:
• Ultra miniature size 5.0 x 3.2 x 1.3 mm max.
• Fundamental mode.
• Suitable for reflow.
• Tight Stability available.
• Ceramic package with heat-resistant glass sealing.
Environmental, and mechanical specifications, see appendix C. Group 2.
Tape and Reel, see appendix H.(1,000 pcs/reel)
Marking, see appendix G. Reflow profile, see appendix E.
Application notes, see appendix A. Recommended handling, see appendix F.
5.0 x 3.2 x 1.3 mm
(±100ppm max. stability)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
12


Similar Part No. - ABM3C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3C ABRACON-ABM3C Datasheet
1Mb / 2P
   CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
logo
List of Unclassifed Man...
ABM3C-10.000MHZ-D4Y-T ETC2-ABM3C-10.000MHZ-D4Y-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
ABM3C-10.000MHZ-J4-T ETC2-ABM3C-10.000MHZ-J4-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
ABM3C-11.0592MHZ-D4Y- ETC2-ABM3C-11.0592MHZ-D4Y- Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
ABM3C-11.0592MHZ-J4-T ETC2-ABM3C-11.0592MHZ-J4-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
More results

Similar Description - ABM3C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
   MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABM4A ABRACON-ABM4A_07 Datasheet
259Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
12.28.07
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
   MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
logo
AEL Crystals Ltd
SXK AEL-SXK Datasheet
138Kb / 1P
   Ultra-Miniature Ceramic SMD Crystals
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
   MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
ABM3 ABRACON-ABM3 Datasheet
448Kb / 1P
   ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABU ABRACON-ABU_15 Datasheet
1Mb / 1P
   COMMUNICATION CRYSTALS ULTRA MINIATURE
09.01.10
ABU ABRACON-ABU Datasheet
384Kb / 1P
   COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
Vectron International, ...
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
   Microprocessor Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com