Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4852 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4852
Description  Horizontal and vertical deflection controller for autosync monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4852 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4852 Datasheet HTML 2Page - NXP Semiconductors TDA4852 Datasheet HTML 3Page - NXP Semiconductors TDA4852 Datasheet HTML 4Page - NXP Semiconductors TDA4852 Datasheet HTML 5Page - NXP Semiconductors TDA4852 Datasheet HTML 6Page - NXP Semiconductors TDA4852 Datasheet HTML 7Page - NXP Semiconductors TDA4852 Datasheet HTML 8Page - NXP Semiconductors TDA4852 Datasheet HTML 9Page - NXP Semiconductors TDA4852 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
December 1992
6
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for autosync monitors
TDA4852
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134)
Note to the Limiting Values
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
−0.5
16
V
V3
voltage on pin 3
−0.5
16
V
V8
voltage on pin 8
−0.5
7
V
Vn
voltage on pins 5, 6, 9, 10, 13, 14 and 18
−0.5
6.5
V
I2
current on pin 2
−±10
mA
I3
current on pin 3
100
mA
I8
current on pin 8
−−10
mA
Tstg
storage temperature range
−55
+50
°C
Tamb
operating ambient temperature range
0
70
°C
Tj
maximum junction temperature
0
+150
°C
VESD
electrostatic handling for all pins (note 1)
−±400
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
65 K/W


Similar Part No. - TDA4852

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4854 PHILIPS-TDA4854 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
More results

Similar Description - TDA4852

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
NXP Semiconductors
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com