Selected language     English  ▼


TDA4852 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA4852
Description  Horizontal and vertical deflection controller for autosync monitors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
December 1992
2
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for autosync monitors
TDA4852
FEATURES
• Low jitter
• All adjustments DC-controllable
• Alignment-free oscillators
• Sync separators for video or horizontal and vertical TTL
sync levels regardless of polarity
• Horizontal oscillator with PLL1 for sync and PLL2 for
flyback
• Constant vertical and E/W amplitude in autosync
operation
• DC-coupling to vertical power amplifier
• Internal supply voltage stabilization with excellent ripple
rejection to ensure stable geometrical adjustments
GENERAL DESCRIPTION
The TDA4852 is a monolithic integrated circuit for
economical solutions in autosync monitors. The IC
incorporates the complete horizontal and vertical small
signal processing. In conjunction with TDA4860/61/65, or
TDA8351 (vertical output circuits) the ICs offer an
extremely advanced system solution.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT146-1; 1996 November 27.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 1)
9.2
12
16
V
IP
supply current
40
mA
Vi sync
AC-coupled composite video signal with negative-going sync
(peak-to-peak value, pin 9)
1
V
sync slicing level
120
mV
DC-coupled TTL-compatible horizontal sync signal
(peak-to-peak value, pin 9)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
DC-coupled TTL-compatible vertical sync signal
(peak-to-peak value, pin 10)
1.7
−−
V
slicing level
1.2
1.4
1.6
V
IoV
vertical differential output current (peak-to-peak value, pins 5 and 6)
1
mA
IoH
horizontal sink output current on pin 3
−−
60
mA
Tamb
operating ambient temperature range
0
+70
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN
POSITION
MATERIAL
CODE
TDA4852
20
DIL
plastic
SOT146(1)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl