Selected language     English  ▼


TDA4852 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4852
Description  Horizontal and vertical deflection controller for autosync monitors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
December 1992
4
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for autosync monitors
TDA4852
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
positive supply voltage
FLB
2
horizontal flyback input
HOR
3
horizontal output
GND
4
ground (0 V)
VERT1
5
vertical output 1; negative-going sawtooth
VERT2
6
vertical output 2; positive-going sawtooth
n.c.
7
not connected
CLBL
8
clamping/blanking pulse output
HVS
9
horizontal sync/video input
VS
10
vertical sync input
EW
11
E/W output (parabola to driver stage)
CVA
12
capacitor for amplitude control
RVA
13
vertical amplitude adjustment input
REW
14
E/W amplitude adjustment input (parabola)
RVOS
15
vertical oscillator resistor
CVOS
16
vertical oscillator capacitor
PLL1
17
PLL1 phase
RHOS
18
horizontal oscillator resistor
CHOS
19
horizontal oscillator capacitor
PLL2
20
PLL2 phase
Fig.2 Pin configuration.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA8176TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS 1 2 3 4 5 STMicroelectronics
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl