Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2201AJRZQE Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK2201AJRZQE
Description  1.0Gb to 1.6Gb SMALL FORM-FACTOR ETHERNET TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201AJRZQE Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK2201AJRZQE Datasheet HTML 6Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 7Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 8Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 9Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 10Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 11Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 12Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 13Page - Texas Instruments TLK2201AJRZQE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TLK2201AJR
1.0 Gb to 1.6 Gb SMALL FORMFACTOR ETHERNET TRANSCEIVER
SLLS614A − MARCH 2004 − REVISED MAY 2007
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
GQE
NO.
RCP†
I/O
DESCRIPTION
MODESEL
H3
15
I
P/D‡
Mode select. This terminal selects between the 10-bit interface and a reduced 5-bit DDR
interface. When low the 10-bit interface (TBI) is selected. When pulled high, the 5-bit DDR
mode is selected. The default mode is the TBI.
TEST
LOOPEN
J2
19
I
P/D‡
Loop enable. When LOOPEN is high (active), the internal loop-back path is activated. The
transmitted serial data is directly routed to the inputs of the receiver. This provides a self-test
capability in conjunction with the protocol device. The TXP and TXN outputs are held in a
high-impedance state during the loop-back test. LOOPEN is held low during standard
operational state with external serial outputs and inputs active.
JTCLK/TCK
H5
49
I
Test clock. IEEE1149.1 (JTAG)
JTDI
F8
48
I
P/U§
Test data input. IEEE1149.1 (JTAG)
JTDO
J5
27
O
Test data output. IEEE1149.1 (JTAG)
JTRSTN
E8
56
I
P/U§
Reset signal. IEEE1149.1 (JTAG)
JTMS
D8
55
I
P/U§
Test mode select. IEEE1149.1 (JTAG)
ENABLE
F2
28
I
P/U§
When this terminal is low, the device is disabled for Iddq testing. RD0−RD9, RBC, TXP, and
TXN are high-impedance. The pullup and pulldown resisters on any input are disabled.
When ENABLE is high, the device operates normally.
PRBSEN
H4
16
I
P/D§
PRBS enable. When PRBSEN is high, the PRBS generation circuitry is enabled. The PRBS
verification circuit in the receive side is also enabled. A PRBS signal can be fed to the receive
inputs and checked for errors that are reported by the SYNC/PASS terminal indicating low.
TESTEN
H6
17
I
P/D‡
Manufacturing test terminal.
POWER
VDD
B8, C8,
G8, H8,
B2, C2,
D2, E2,
G2, H2
5, 10, 20,
23, 29,
37, 42,
50, 63
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers.
VDDA
B7, B6,
B5, B4
53, 57,
59, 60
Supply
Analog power. VDDA provides power for the high-speed analog circuits, receiver, and
transmitter
VDDPLL
B3
18
Supply
PLL power. Provides power for the PLL circuitry. This terminal requires additional filtering.
GROUND
GNDA
C7, D7,
C6, D6,
C5, D5, E5
51,58
Ground
Analog ground. GNDA provides a ground for the high-speed analog circuits, RX and TX.
GND
C4, D3,
D4, E3,
E4, E6, E7
F3, F4, F5,
F6, F7,
G3, G4,
G5, G6,
G7
1, 14, 21,
25, 33,
46
Ground
Digital logic ground. Provides a ground for the logic circuits and digital I/O buffers.
GNDPLL
N/A
64
Ground
PLL ground. Provides a ground for the PLL circuitry. Tied to GNDA in the GQE package.
† For cross reference to TLK2201 RCP package only.
‡ P/D = pulldown
§ P/U = pullup


Similar Part No. - TLK2201AJRZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI1-TLK2201A Datasheet
338Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201AI TI-TLK2201AI Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201AI TI1-TLK2201AI Datasheet
338Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201AIRCP TI-TLK2201AIRCP Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK2201AJRZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2201JR TI1-TLK2201JR Datasheet
358Kb / 20P
[Old version datasheet]   1.0 Gb to 1.6 Gb SMALL FORM-FACTOR ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
JDS Uniphase Corporatio...
JSF-21S0AA1 JDSU-JSF-21S0AA1 Datasheet
1Mb / 23P
   Fibre Channel Small Form Factor PTH Transceiver
logo
Texas Instruments
DP83867CS TI1-DP83867CS Datasheet
1Mb / 114P
[Old version datasheet]   High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
logo
Broadcom Corporation.
AFBR-59E4APZ-LH BOARDCOM-AFBR-59E4APZ-LH Datasheet
461Kb / 11P
   Multimode Small Form-Factor (SFF) Transceiver for Fast Ethernet, with LC Connector
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59E4APZ AVAGO-AFBR-59E4APZ Datasheet
313Kb / 10P
   Multimode Small Form Factor (SFF) Transceiver for Fast Ethernet with LC connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com