Selected language     English  ▼


TDA4853 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1999 Jul 13
3
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
GENERAL DESCRIPTION
The TDA4854 is a high performance and efficient solution
for autosync monitors. All functions are controllable by
I2C-bus.
The TDA4854 provides synchronization processing,
horizontal and vertical synchronization with full autosync
capability, a TV/VCR mode and very short settling times
after mode changes. External power components are
given a great deal of protection. The IC generates the drive
waveforms for DC-coupled vertical boosters such as the
TDA486x and TDA835x.
The TDA4854 provides extended functions e.g. as a
flexible B+ control, an extensive set of geometry control
facilities, and a combined output for horizontal and vertical
focus signals.
The TDA4853 is an economy version of the TDA4854,
especially designed for use in 14” and 15” monitors with
combined EHT generation. It provides the same features
as the TDA4854 except for the dynamic focus block.
Together with the I2C-bus driven Philips TDA488x video
processor family, a very advanced system solution is
offered.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
9.2
16
V
ICC
supply current
70
mA
ICC(stb)
supply current during standby mode
9
mA
VSIZE
vertical size
60
100
%
VGA
VGA overscan for vertical size
16.8
%
VPOS
vertical position
−±11.5 −
%
VLIN
vertical linearity (S-correction)
−2
−−46
%
VLINBAL
vertical linearity balance
−±2.5
%
VHSIZE
horizontal size voltage
0.13
3.6
V
VHPIN
horizontal pincushion voltage (EW parabola)
0.04
1.42
V
VHEHT
horizontal size modulation voltage
0.02
0.69
V
VHTRAP
horizontal trapezium correction voltage
−±0.33 −
V
VHCOR
horizontal corner correction voltage
−0.64 −
+0.08
V
HPOS
horizontal position
−±13
%
HPARAL
horizontal parallelogram
−±1
%
HPINBAL
EW pin unbalance
−±1
%
Tamb
operating ambient temperature
−20
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4853
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1
TDA4854
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4860Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109NLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109SLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl