Selected language     English  ā–¼


TDA4854 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4854
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
VERTICAL
SYNC INPUT
AND POLARITY
CORRECTION
VERTICAL
SYNC
INTEGRATOR
VERTICAL
OSCILLATOR
AND AGC
EW-OUTPUT
HORIZONTAL PINCUSHION
HORIZONTAL CORNER
HORIZONTAL TRAPEZIUM
HORIZONTAL SIZE
VERTICAL LINEARITY
VERTICAL LINEARITY
BALANCE
HORIZONTAL SIZE
AND
VERTICAL SIZE
EHT COMPENSATION
OUTPUT
ASYMMETRIC
EW-CORRECTION
HORIZONTAL
AND VERTICAL
I2C-BUS
RECEIVER
HUNLOCK
OUTPUT
VERTICAL POSITION
VERTICAL SIZE, VOVSCN
VIDEO CLAMPING
AND
VERTICAL BLANK
SUPPLY
AND
REFERENCE
HORIZONTAL
OSCILLATOR
PLL1 AND
HORIZONTAL
POSITION
PLL2, PARALLELOGRAM,
PIN UNBALANCE AND
SOFT START
COINCIDENCE DETECTOR
FREQUENCY DETECTOR
TV MODE
I2C-BUS REGISTERS
PROTECTION
AND SOFT START
X-RAY
PROTECTION
HORIZONTAL
OUTPUT
STAGE
B
+
CONTROL
22
k
ā„¦
3.3 k
ā„¦
100 nF
8.2
nF
150
nF
(1%)
X-RAY
10 nF
RHBUF
(2%)
RHREF
(1%)
(1)
B
+ CONTROL
APPLICATION
(2)
(TTL level)
(TTL level)
9.2 to 16 V
(video)
clamping
blanking
14
23
22
21
31
11
100
nF
(5%)
24
VOUT2
12
VOUT1
ASCOR
13
32
FOCUS
BDRV
BSENS
BOP
BIN
8 HDRV
or
20
17
19
18
6
4
3
5
10
7
25
16
15
26
27
28
29
8.2 nF
30
1
TDA4854
H/C SYNC INPUT
AND POLARITY
CORRECTION
MGM065
2
9
VERTICAL OUTPUT
FOCUS
SDA
SCL
HSYNC
SGND
PGND
CLBL
VSYNC
VCC
EWDRV
VSMOD
VAGC
VCAP
VREF
HSMOD
7 V
1.2 V
EHT compensation
via horizontal size
EHT compensation
via vertical size
HFLB
HPLL2
HCAP
HREF
HBUF
HPLL1
XSEL
XRAY
HUNLOCK
Fig.2 Block diagram and application circuit of TDA4854.
(1) For the calculation of fH range see Section ā€œCalculation of line frequency rangeā€.
(2) See Figs 23 and 24.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4860Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109NLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109SLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl