Selected language     English  ▼


TDA4854 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA4854
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
1999 Jul 13
9
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
Horizontal oscillator
The horizontal oscillator is of the relaxation type and
requires a capacitor of 10 nF to be connected at HCAP
(pin 29). For optimum jitter performance the value of 10 nF
must not be changed.
The minimum oscillator frequency is determined by a
resistor connected between pin HREF and ground.
A resistor connected between pins HREF and HBUF
defines the frequency range.
The reference current at pin HREF also defines the
integration time constant of the vertical sync integration.
Calculation of line frequency range
The oscillator frequencies fmin and fmax must first be
calculated. This is achieved by adding the spread of the
relevant components to the highest and lowest sync
frequencies fsync(min) and fsync(max). The oscillator is driven
by the currents in RHREF and RHBUF.
The following example is a 31.45 to 90 kHz application:
Table 1
Calculation of total spread
Thus the typical frequency range of the oscillator in this
example is:
The TV mode is centred around fmin with a control range of
±10%. Activation of the TV mode is only allowed between
15.625 and 35 kHz.
The resistors RHREF and RHBUFpar can be calculated using
the following formulae:
The resistor RHBUFpar is calculated as the value of RHREF
and RHBUF in parallel. The formulae for RHBUF also takes
into account the voltage swing across this resistor
PLL1 phase detector
The phase detector is a standard type using switched
current sources, which are independent of the horizontal
frequency. It compares the middle of the horizontal sync
with a fixed point on the oscillator sawtooth voltage.
The PLL1 loop filter is connected to HPLL1 (pin 26).
See also Section “Horizontal position adjustment and
corrections”.
Horizontal position adjustment and corrections
A linear adjustment of the relative phase between the
horizontal sync and the oscillator sawtooth (in PLL1 loop)
is achieved via register HPOS. Once adjusted, the relative
phase remains constant over the whole frequency range.
Correction of pin unbalance and parallelogram is achieved
by modulating the phase between the oscillator sawtooth
and horizontal flyback (in loop PLL2) via registers
HPARAL and HPINBAL. If those asymmetric EW
corrections are performed in the deflection stage, both
registers can be disconnected from the horizontal phase
via control bit ACD. This does not change the output at
pin ASCOR.
Horizontal moire cancellation
To achieve a cancellation of horizontal moire (also known
as ‘video moire’), the horizontal frequency is
divided-by-two to achieve a modulation of the horizontal
phase via PLL2. The amplitude is controlled by
register HMOIRE. To avoid a visible structure on screen
the polarity changes with half of the vertical frequency.
Control bit MOD disables the moire cancellation function.
spread of
for fmax
for fmin
IC
±3%
±5%
CHCAP
±2%
±2%
RHREF, RHBUF
±2%
±2%
Total
±7%
±9%
f
max
f
sync max
()
1.07
×
96.3 kHz
==
f
min
f
sync min
()
1.09
-----------------------
28.9 kHz
==
R
HREF
78
kHz
k
×
×Ω
f
min
0.0012
f
min
2
×
+
kHz
[]
-----------------------------------------------------------------
2.61 k
==
R
HBUFpar
78
kHz
k
×
×Ω
f
max
0.0012
f
max
2
×
+
kHz
[]
--------------------------------------------------------------------
726
==
R
HBUF
R
HREF
R
HBUFpar
×
R
HREF
R
HBUFpar
----------------------------------------------
0.8
×
=
805
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4860Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109NLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109SLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl