Selected language     English  ▼


TDA4854 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA4854
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1999 Jul 13
2
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
FEATURES
Concept features
• Full horizontal plus vertical autosync capability; TV and
VCR mode included
• Extended horizontal frequency range from
15 to 130 kHz
• Comprehensive set of I2C-bus driven geometry
adjustments and functions, including standby mode
• Very good vertical linearity
• Moire cancellation
• Start-up and switch-off sequence for safe operation of
all power components
• X-ray protection
• Flexible switched mode B+ supply function block for
feedback and feed forward converter
• Internally stabilized voltage reference
• Drive signal for focus amplifiers with combined
horizontal and vertical parabola waveforms (TDA4854)
• DC controllable inputs for Extremely High Tension
(EHT) compensation
• SDIP32 package.
Synchronization
• Can handle all sync signals (horizontal, vertical,
composite and sync-on-video)
• Output for video clamping (leading/trailing edge
selectable by I2C-bus), vertical blanking and protection
blanking
• Output for fast unlock status of horizontal
synchronization and blanking on grid 1 of picture tube.
Horizontal section
• I2C-bus controllable wide range linear picture position,
pin unbalance and parallelogram correction via
horizontal phase
• Frequency-locked loop for smooth catching of horizontal
frequency
• TV mode at 15.625 or 15.750 kHz selectable by I2C-bus
• Simple frequency preset of fmin and fmax by external
resistors
• Low jitter
• Soft start for horizontal and B+ control drive signals.
Vertical section
• I2C-bus controllable vertical picture size, picture
position, linearity (S-correction) and linearity balance
• Output for I2C-bus controllable vertical sawtooth and
parabola (for pin unbalance and parallelogram)
• Vertical picture size independent of frequency
• Differential current outputs for DC coupling to vertical
booster
• 50 to 160 Hz vertical autosync range.
East-West (EW) section
• I2C-bus controllable output for horizontal pincushion,
horizontal size, corner and trapezium correction
• Optional tracking of EW drive waveform with line
frequency selectable by I2C-bus.
Focus section of TDA4854
• I2C-bus controllable output for horizontal and vertical
parabolas
• Vertical parabola is independent of frequency and tracks
with vertical adjustments
• Horizontal parabola independent of frequency
• Pre-correction of delay in focus output stage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4860Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109NLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA9109SLOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl