Selected language     English  ▼


TDA4857PS Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA4857PS
Description  I2C-bus autosync deflection controller for PC monitors
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
2000 Jan 31
10
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
Adjustment of vertical position, vertical linearity and
vertical linearity balance
Register VPOS provides a DC shift at the sawtooth
outputs VOUT1 and VOUT2 (pins 13 and 12) and the EW
drive output EWDRV (pin 11) in such a way that the whole
picture moves vertically while maintaining the correct
geometry.
Register VLIN is used to adjust the amount of vertical
S-correction in the output signal. This function can be
switched off by control bit VSC.
Register VLINBAL is used to correct the unbalance of the
vertical S-correction in the output signal. This function can
be switched off by control bit VLC.
Adjustment of vertical moire cancellation
To achieve a cancellation of vertical moire (also known as
‘scan moire’) the vertical picture position can be modulated
by half the vertical frequency. The amplitude of the
modulation is controlled by register VMOIRE and can be
switched off via control bit MOD.
Horizontal pincushion (including horizontal size,
corner correction and trapezium correction)
EWDRV (pin 11) provides a complete EW drive waveform.
The components horizontal pincushion, horizontal size,
corner correction and trapezium correction are controlled
by the registers HPIN, HSIZE, HCOR and HTRAP.
HTRAP can be set to zero by control bit VPC.
The pincushion (EW parabola) amplitude, corner and
trapezium correction track with the vertical picture size
(VSIZE) and also with the adjustment for vertical picture
position (VPOS). The corner correction does not track with
the horizontal pincushion (HPIN).
Further the horizontal pincushion amplitude, corner and
trapezium correction track with the horizontal picture size,
which is adjusted via register HSIZE and the analog
modulation input HSMOD.
If the DC component in the EWDRV output signal is
increased via HSIZE or IHSMOD, the pincushion, corner and
trapezium component of the EWDRV output will be
reduced by a factor of
The value 14.4 V is a virtual voltage for calculation only.
The output pin can not reach this value, but the gain (and
DC bias) of the external application should be such that the
horizontal deflection is reduced to zero when EWDRV
reaches 14.4 V.
HSMOD can be used for a DC controlled EHT
compensation by correcting horizontal size, horizontal
pincushion, corner and trapezium. The control range at
this pin tracks with the actual value of HSIZE. For an
increasing DC component VHSIZE in the EWDRV output
signal, the DC component VHEHT caused by IHSMOD will be
reduced by a factor of
as shown in the previous
equation.
The whole EWDRV voltage is calculated as follows:
VEWDRV = 1.2 V + [VHSIZE +VHEHT × f(HSIZE) + (VHPIN +
VHCOR +VHTRAP) × g(HSIZE, HSMOD)] × h(IHREF)
Where:
Two different modes of operation can be chosen for the
EW output waveform via control bit FHMULT:
1. Mode 1
Horizontal size is controlled via register HSIZE and
causes a DC shift at the EWDRV output. The complete
waveform is also multiplied internally by a signal
proportional to the line frequency [which is detected
via the current at HREF (pin 28)]. This mode is to be
used for driving EW diode modulator stages which
require a voltage proportional to the line frequency.
2. Mode 2
The EW drive waveform does not track with the line
frequency. This mode is to be used for driving EW
modulators which require a voltage independent of the
line frequency.
1
V
HSIZE
V
HEHT 1
V
HSIZE
14.4 V
-----------------


+
14.4
-------------------------------------------------------------------------
1
V
HSIZE
14.4 V
-----------------
V
HEHT
I
HSMOD
120
µA
--------------------
0.69
×
=
f(HSIZE)
1
V
HSIZE
14.4 V
-----------------
=
g(HSIZE, HSMOD)
1
V
HSIZE
V
HEHT
1
V
HSIZE
14.4 V
-----------------


+
14.4 V
--------------------------------------------------------------------------
=
hI
HREF
()
I
HREF
I
HREF
f70kHz
=
--------------------------------
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4853I2C-bus autosync deflection controllers for PC/TV monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
FPD87352CXA+3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl