Selected language     English  ▼


TDA4857PS Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA4857PS
Description  I2C-bus autosync deflection controller for PC monitors
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
2000 Jan 31
3
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
9.2
16
V
ICC
supply current
70
mA
ICC(stb)
supply current during standby mode
9
mA
VSIZE
vertical size
60
100
%
VGA
VGA overscan for vertical size
16.8
%
VPOS
vertical position
−±11.5 −
%
VLIN
vertical linearity (S-correction)
−2
−−46
%
VLINBAL
vertical linearity balance
−±2.5
%
VHSIZE
horizontal size voltage
0.13
3.6
V
VHPIN
horizontal pincushion voltage (EW parabola)
0.04
1.42
V
VHEHT
horizontal size modulation voltage
0.02
0.69
V
VHTRAP
horizontal trapezium correction voltage
−±0.33 −
V
VHCOR
horizontal corner correction voltage
−0.64 −
+0.08
V
HPOS
horizontal position
−±13
%
HPARAL
horizontal parallelogram
−±1
%
HPINBAL
EW pin unbalance
−±1
%
Tamb
ambient temperature
−20
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4857PS
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4853I2C-bus autosync deflection controllers for PC/TV monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
FPD87352CXA+3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl