Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C102P-12 Datasheet(PDF) 1 Page - Winbond

Part # W29C102P-12
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C102P-12 Datasheet(HTML) 1 Page - Winbond

  W29C102P-12 Datasheet HTML 1Page - Winbond W29C102P-12 Datasheet HTML 2Page - Winbond W29C102P-12 Datasheet HTML 3Page - Winbond W29C102P-12 Datasheet HTML 4Page - Winbond W29C102P-12 Datasheet HTML 5Page - Winbond W29C102P-12 Datasheet HTML 6Page - Winbond W29C102P-12 Datasheet HTML 7Page - Winbond W29C102P-12 Datasheet HTML 8Page - Winbond W29C102P-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
W29C102
64K
× 16 CMOS FLASH MEMORY
Publication Release Date: March 1998
- 1 -
Revision A3
GENERAL DESCRIPTION
The W29C102 is a 1-megabit, 5-volt only CMOS flash memory organized as 64K
× 16 bits. The
device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is
not required. The unique cell architecture of the W29C102 results in fast program/erase operations
with extremely low current consumption (compared to other comparable 5-volt flash memory
products). The device can also be programmed and erased using standard EPROM programmers.
FEATURES
Single 5-volt program and erase operations
Fast page-write operations
− 128 words per page
− Page program cycle: 10 mS (max.)
− Effective word-program cycle time: 39 µS
− Optional software-protected data write
Fast chip-erase operation: 50 mS
Read access time: 70/90/120 nS
Typical page program/erase cycles: 1K/10K
Ten-year data retention
Software and hardware data protection
Low power consumption
− Active current: 25 mA (typ.)
− Standby current: 20 µA (typ.)
Automatic program timing with internal VPP
generation
End of program detection
− Toggle bit
− Data polling
Latched address and data
TTL compatible I/O
JEDEC standard word-wide pinouts
Available packages: 40-pin 600 mil DIP, TSOP
and 44-pin PLCC


Similar Part No. - W29C102P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C102P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com