Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABPX1101 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABPX1101
Description  Advanced Programmable Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABPX1101 Datasheet(HTML) 1 Page - Abracon Corporation

  ABPX1101 Datasheet HTML 1Page - Abracon Corporation ABPX1101 Datasheet HTML 2Page - Abracon Corporation ABPX1101 Datasheet HTML 3Page - Abracon Corporation ABPX1101 Datasheet HTML 4Page - Abracon Corporation ABPX1101 Datasheet HTML 5Page - Abracon Corporation ABPX1101 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABPX1101
Advanced Programmable Clock
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/15/05 Page 1
FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (30-70ps Pk-Pk typical)
• Up to 3 programmable outputs
• Two registers banks for 2-time programming.
• Output frequency up to 200MHz CMOS.
• Accepts Crystal or reference clock inputs
o
Fundamental crystal: 10MHz-30MHz
o
3RD overtone crystal: Up to 75MHz
o
Reference input: Up to 200MHz
• Accepts <1.0V reference signal input voltage
• One programmable I/O pin can be configured as
Programmable clock, or Frequency Selection input,
or output Enable (OE) or Power Down (PDB) input.
• Single 2.5V or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 8-pin MSOP/SOIC, and 6-pin SOT
PIN CONFIGURATION
1
2
3
45
6
7
8
XIN/FIN
GND
CLK0
CLK1
XOUT
NC
VDD
CLK2,OE,PDB,FSEL
1
2
34
5
6
CLK0
GND
XIN/FIN
VDD
XOUT
CLK2,OE,PDB,FSEL
SOP-8
MSOP-8
SOT-23
DESCRIPTION
The ABPX1101 is a low-cost general purpose frequency synthesizer and a member of Abracons’ Advanced
Programmable Clock family. Abracon’s ABPX1101 product family offers the versatility of using a single Crystal or
Reference Clock input and producing up to three different system clocks. They can generate any output
frequency up to 200 MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd overtone crystal of
up to 75Mhz, or a Reference clock input of up to 200 MHz. Cascading of the ICs to produce additional clock
frequencies is also supported.
BLOCK DIAGRAM
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Selectable
/1,/2,/4,/8
Selectable
/1,/2
Xtal
OSC
XIN/FIN
XOUT
P-counter
(5-bit)
M-counter
(10-bit)
R-counter
(8-bit)
FRef
OE
FSEL
PDB
Programmable Function
FVCO = F Ref. * (2 * M /R)
Fout = FVCO / (2 * P)
CLoad
CLOCK[0:2]


Similar Part No. - ABPX1101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPX1105 ABRACON-ABPX1105 Datasheet
57Kb / 4P
   Advanced Programmable Clock
05/05/05
ABPX1105-XXXTC-T ABRACON-ABPX1105-XXXTC-T Datasheet
57Kb / 4P
   Advanced Programmable Clock
05/05/05
ABPX1107 ABRACON-ABPX1107 Datasheet
58Kb / 4P
   Advanced Programmable Clock
08/17/05
ABPX1107-XXXTC-T ABRACON-ABPX1107-XXXTC-T Datasheet
58Kb / 4P
   Advanced Programmable Clock
08/17/05
More results

Similar Description - ABPX1101

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPX1105 ABRACON-ABPX1105 Datasheet
57Kb / 4P
   Advanced Programmable Clock
05/05/05
ABPX1130 ABRACON-ABPX1130 Datasheet
102Kb / 7P
   Advanced Programmable Clock
03/11/05
ABPX1120 ABRACON-ABPX1120 Datasheet
109Kb / 7P
   Advanced Programmable Clock
03/15/05
ABPX1107 ABRACON-ABPX1107 Datasheet
58Kb / 4P
   Advanced Programmable Clock
08/17/05
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Integrated Device Techn...
5P49V6914 IDT-5P49V6914_18 Datasheet
507Kb / 36P
   Programmable Clock Generator
5P49V5901 IDT-5P49V5901_17 Datasheet
533Kb / 37P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_16 Datasheet
360Kb / 27P
   Programmable Clock Generator
5P49V5925 IDT-5P49V5925_17 Datasheet
359Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V6914 RENESAS-5P49V6914 Datasheet
780Kb / 36P
   Programmable Clock Generator
Aug 1, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com