Electronic Components Datasheet Search
Selected language     English  ▼


TDA4857 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4857
Description  I2C-bus autosync deflection controller for PC monitors
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
2000 Jan 31
5
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
PINNING
SYMBOL
PIN
DESCRIPTION
HFLB
1
horizontal flyback input
XRAY
2
X-ray protection input
BOP
3
B+ control OTA output
BSENS
4
B+ control comparator input
BIN
5
B+ control OTA input
BDRV
6
B+ control driver output
PGND
7
power ground
HDRV
8
horizontal driver output
XSEL
9
select input for X-ray reset
VCC
10
supply voltage
EWDRV
11
EW waveform output
VOUT2
12
vertical output 2 (ascending sawtooth)
VOUT1
13
vertical output 1 (descending sawtooth)
VSYNC
14
vertical synchronization input
HSYNC
15
horizontal/composite synchronization input
CLBL
16
video clamping pulse/vertical blanking output
HUNLOCK
17
horizontal synchronization unlock/protection/vertical blanking output
SCL
18
I2C-bus clock input
SDA
19
I2C-bus data input/output
ASCOR
20
output for asymmetric EW corrections
VSMOD
21
input for EHT compensation (via vertical size)
VAGC
22
external capacitor for vertical amplitude control
VREF
23
external resistor for vertical oscillator
VCAP
24
external capacitor for vertical oscillator
SGND
25
signal ground
HPLL1
26
external filter for PLL1
HBUF
27
buffered f/v voltage output
HREF
28
reference current for horizontal oscillator
HCAP
29
external capacitor for horizontal oscillator
HPLL2
30
external filter for PLL2/soft start
HSMOD
31
input for EHT compensation (via horizontal size)
FOCUS
32
output for vertical focus




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4853I2C-bus autosync deflection controllers for PC/TV monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
FPD87352CXA+3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV 1 2 3 4 5 National Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl