Selected language     English  ▼


TDA4858 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4858
Description  Economy Autosync Deflection Controller (EASDC)
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
1997 Oct 27
7
Philips Semiconductors
Product specification
Economy Autosync Deflection Controller
(EASDC)
TDA4858
This operation ensures a smooth tuning and avoids fast
changes of horizontal frequency during catching.
In this concept it is not allowed to load HPLL1.
The frequency dependent voltage at this pin is fed
internally to HBUF (pin 27) via a sample-and-hold and
buffer stage. The sample-and-hold stage removes all
disturbances caused by horizontal sync or composite
vertical sync from the buffered voltage. An external
resistor from HBUF to HREF defines the frequency range.
PLL1 phase detector
The phase detector is a standard type using switched
current sources. It compares the middle of horizontal sync
with a fixed point on the oscillator sawtooth voltage.
The PLL1 loop filter is connected to HPLL1 (pin 26).
Horizontal oscillator
The horizontal oscillator is of the relaxation type and
requires a capacitor of 10 nF at HCAP (pin 29).
For optimum jitter performance the value of 10 nF must not
be changed.
The maximum oscillator frequency is determined by a
resistor from HREF to ground. A resistor from HREF to
HBUF defines the frequency range.
The reference current at HREF also defines the integration
time constant of the vertical sync integration.
Calculation of line frequency range
First the oscillator frequencies fmin and fmax have to be
calculated. This is achieved by adding the spread of the
relevant components to the highest and lowest sync
frequencies fS(min) and fS(max). The oscillator is driven by
the difference of the currents in RHREF and RHBUF. At the
highest oscillator frequency RHBUF does not contribute to
the spread. The spread will increase towards lower
frequencies due to the contribution of RHBUF. It is also
dependent on the ratio
The following example is a 31.45 to 64 kHz application:
n
S
f
S max
()
f
Smin
()
-------------------
=
n
S
f
S max
()
f
Smin
()
-------------------
64 kHz
31.45 kHz
---------------------------
2.04
==
=
Table 1
Calculation of total spread
Thus the typical frequency range of the oscillator in this
example is:
The resistors RHREF and RHBUF can be calculated with the
following formulae:
Where:
The spread of fmin increases with the frequency ratio
For higher ratios this spread can be reduced by using
resistors with less tolerances.
spread of:
for fmax
for fmin
IC
3%
3%
CHCAP
2%
2%
RHREF
1%
RHREF, RHBUF
1%
× (2.3 × nS − 1)
Total
6%
8.69%
f
max
f
Smax
()
1.06
×
67.84 kHz
==
f
min
f
Smin
()
1.087
------------------
28.93 kHz
==
R
HREF
74
kHz
k
×
×Ω
f
max kHz
[]
--------------------------------------
1.091 k
==
R
HBUF
R
HREF
1.18
×
n
×
n1
---------------------------------------------
2.241 k
==
n
f
max
f
min
-----------
2.35
==
f
S max
()
f
Smin
()
-------------------




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4855Autosync Deflection Controller ASDC 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
LM1290Autosync Horizontal Deflection Processor 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl