Selected language     English  ▼


TDA4858 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4858
Description  Economy Autosync Deflection Controller (EASDC)
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Oct 27
11
Philips Semiconductors
Product specification
Economy Autosync Deflection Controller
(EASDC)
TDA4858
Supply voltage stabilizer, references and protection
The EASDC provides an internal supply voltage stabilizer
for excellent stabilization of all internal references.
An internal gap reference especially designed for
low-noise is the reference for the internal horizontal and
vertical supply voltages. All internal reference currents and
drive current for the vertical output stage are derived from
this voltage via external resistors.
A special protection mode has been implemented in order
to protect the deflection stages and the picture tube during
start-up, shut-down and fault conditions. This protection
mode can be activated as shown in Table 3.
Table 3
Activation of protection mode
When protection mode is active, several pins of the ASDC
are forced into a defined state:
HDRV (horizontal driver output) is floating
BDRV (B+ control driver output) is floating
VOUT1 and VOUT2 (vertical outputs) are floating
CLBL provides a continuous blanking signal
The capacitor at HPLL2 is discharged.
ACTIVATION
RESET
Low supply voltage at pin 9
increase supply voltage
X-ray protection XRAY (pin 2)
triggered
remove supply voltage
HPLL2 (pin 31) pulled to
ground
release pin 31
If the protection mode is activated via the supply voltage at
pin 9, all these actions will be performed in a well defined
sequence (see Fig.14). For activation via X-ray protection
or HPLL2 all actions will occur simultaneously.
The return to normal operation is performed in accordance
with the start-up sequence in Fig.14a, if the reset was
caused by the supply voltage at pin 9. The first action with
increasing supply voltage is the activation of continuous
blanking at CLBL. When the threshold for activation of
HDRV is passed, an internal current begins to charge the
external capacitor at HPLL2 and a PLL2 soft start
sequence is performed (see Fig.15). In the beginning of
this phase the horizontal driver stage generates very small
output pulses. The width of these pulses increases with the
voltage at HPLL2 until the final duty cycle is reached. Then
the PLL2 voltage passes the threshold for activation of
BDRV, VOUT1 and VOUT2.
For activation of these pins not only the PLL2 voltage, but
also the supply voltage must have passed the appropriate
threshold. A last pair of thresholds has to be passed by
PLL2 voltage and supply voltage before the continuous
blanking is finally removed, and the operation of PLL2 and
frequency-locked loop is enabled.
A return to the normal operation by releasing the voltage
at HPLL2 will lead to a slightly different sequence. Here the
activation of all functions is influenced only by the voltage
at HPLL2 (see Fig.15).
Application hint: Internal discharge of the capacitor at
HPLL2 will only be performed, if the protection mode was
activated via the supply voltage or X-ray protection.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4841PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4855Autosync Deflection Controller ASDC 1 2 3 4 5 MoreNXP Semiconductors
TDA4856I2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4857PSI2C-bus autosync deflection controller for PC monitors 1 2 3 4 5 MoreNXP Semiconductors
LM1290Autosync Horizontal Deflection Processor 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl