Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS07 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABS07
Description  32.768kHz SMD LOW PROFILE CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABS07 Datasheet(HTML) 1 Page - Abracon Corporation

  ABS07 Datasheet HTML 1Page - Abracon Corporation ABS07 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABS07
STANDARD SPECIFICATIONS:
3.2 x 1.5 x 0.9 mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Low frequency in small size SMD
• 0.9mm height ideal for high density circuit boards
Operating Temperature
Turn-over Temperature
Storage Temperature
Frequency Tolerance
Equivalent Series Resistance
Load Capacitance CL
Drive Level
Aging (first year) 25°C
Insulation Resistance
PARAMETERS
Nominal Frequency
32.768 kHz
ABRACON P/N
ABS07
±20 ppm max.
-40°C to + 85°C
+25°C to ±5°C
-55°C to +125°C
70 kohms max.
- 0.034±0.006 ppm/T²
12.5 pF (see option)
1.0
μW max.
± 3 ppm max.
500 M
Ω with 100 Vdc ±15V
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
32.768kHz SMD LOW PROFILE CRYSTAL
Shunt capacitance Co:
1.05pF typ.
Quality Factor Q:
30K typ.
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.09.07
Visit www.abracon.com for Terms & Conditions of Sale
Blank
12.5pF
1
± 10 ppm
Blank
T
F
p
9
9
7
7pF
*Contact ABRACON for
non-standard load capacitance
Tape and Reel
ABS07-32.768kHz-
-
-
g
n
i
g
a
k
c
a
P
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
Bulk
Freq. Tolerance
Temperature Coefficient ( )


Similar Part No. - ABS07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
   TUNING FORK CRYSTAL
11.14.14
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
   SMD LOW PROFILE CRYSTAL
03.19.2018
ABS07-LR ABRACON-ABS07-LR Datasheet
1Mb / 3P
   32.768kHz SMD Low E SR Crysta l
03.27.15
ABS07AIG ABRACON-ABS07AIG Datasheet
6Mb / 4P
   Automotive & Industrial Grade 32.768kHz SMD Low Profile Crystal
12.09.15
ABS07L ABRACON-ABS07L Datasheet
2Mb / 3P
   SMD Ultra Low Profile Crystal
02.07.13
More results

Similar Description - ABS07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
ABS09 ABRACON-ABS09 Datasheet
245Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS25 ABRACON-ABS25 Datasheet
253Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
ABS13 ABRACON-ABS13 Datasheet
230Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
ABS06 ABRACON-ABS06_15 Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.09.15
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
ABS10 ABRACON-ABS10 Datasheet
242Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com