Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABPX1130-XXXSC-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABPX1130-XXXSC-T
Description  Advanced Programmable Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABPX1130-XXXSC-T Datasheet(HTML) 1 Page - Abracon Corporation

  ABPX1130-XXXSC-T Datasheet HTML 1Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 2Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 3Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 4Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 5Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 6Page - Abracon Corporation ABPX1130-XXXSC-T Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
ABPX1130
Advanced Programmable Clock
30332 Esperanza, Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/11/05 Page 1
FEATURES
• Advanced programmable PLL design
• Very low Jitter and Phase Noise (< 40ps Pk-Pk typical)
• Output frequency up to 375MHz CMOS.
• Supports differential CMOS output to produce PECL, LVDS
inputs.
• Crystal inputs:
o
Fundamental crystal: 10MHz-30MHz
o
3RD overtone crystal: Up to 75MHz
o
Reference input: Up to 200MHz
• Accepts <1.0V reference signal input voltage
• One programmable I/O pin can be configured as
Output Enable (OE), or Frequency Selection input
(FSEL), or Reference clock.
• Single 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 8-pin MSOP/SOIC, 6-pin SOT Green/RoHS compliant
packages.
PIN CONFIGURATION
DESCRIPTION
The ABPX1130 is a low-cost general purpose frequency synthesizer and a member of Abracon’s Advanced
Programmable Clock family. Abracon’s ABPX1130 product family can generate any output frequency up to 375
MHz from fundamental crystal input between 10 MHz - 30 MHz, or a 3rd overtone crystal of up to 75Mhz. The
ABPX1130 produces differential CMOS outputs to support PECL, LVDS, and CMOS inputs.
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
XIN/FIN
GND
CLK0
XOUT
DNC
VDD
1
2
3
4
5
6
7
8
CLK1
CLK2, OE, FSEL
SOP-8
MSOP-8
Phase
Detector
Charge
Pump
Loop
Filter
VCO
Xtal
OSC
XIN/FIN
XOUT
P-counter
(5-bit)
M-counter
( 6 -bit)
R- counter
CLK[0:1]
CLK2
FRef
OE
FSEL
FVCO = F Ref. * (2 * M /R)
FOut = FVCO / (2 * P)
CLoad
Programmable Function
/1, /2


Similar Part No. - ABPX1130-XXXSC-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPX1101 ABRACON-ABPX1101 Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
ABPX1101-XXXMC ABRACON-ABPX1101-XXXMC Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
ABPX1101-XXXMC-T ABRACON-ABPX1101-XXXMC-T Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
ABPX1101-XXXSC ABRACON-ABPX1101-XXXSC Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
ABPX1101-XXXSC-T ABRACON-ABPX1101-XXXSC-T Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
More results

Similar Description - ABPX1130-XXXSC-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPX1105 ABRACON-ABPX1105 Datasheet
57Kb / 4P
   Advanced Programmable Clock
05/05/05
ABPX1101 ABRACON-ABPX1101 Datasheet
100Kb / 6P
   Advanced Programmable Clock
03/15/05
ABPX1120 ABRACON-ABPX1120 Datasheet
109Kb / 7P
   Advanced Programmable Clock
03/15/05
ABPX1107 ABRACON-ABPX1107 Datasheet
58Kb / 4P
   Advanced Programmable Clock
08/17/05
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
logo
Integrated Device Techn...
5P49V6914 IDT-5P49V6914_18 Datasheet
507Kb / 36P
   Programmable Clock Generator
5P49V5901 IDT-5P49V5901_17 Datasheet
533Kb / 37P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_16 Datasheet
360Kb / 27P
   Programmable Clock Generator
5P49V5925 IDT-5P49V5925_17 Datasheet
359Kb / 27P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V6914 RENESAS-5P49V6914 Datasheet
780Kb / 36P
   Programmable Clock Generator
Aug 1, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com